Electronic Components Datasheet Search
  English  ▼

X  

LTC3552 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3552
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552 Datasheet(HTML) 1 Page - Linear Technology

  LTC3552 Datasheet HTML 1Page - Linear Technology LTC3552 Datasheet HTML 2Page - Linear Technology LTC3552 Datasheet HTML 3Page - Linear Technology LTC3552 Datasheet HTML 4Page - Linear Technology LTC3552 Datasheet HTML 5Page - Linear Technology LTC3552 Datasheet HTML 6Page - Linear Technology LTC3552 Datasheet HTML 7Page - Linear Technology LTC3552 Datasheet HTML 8Page - Linear Technology LTC3552 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC3552
1
3552f
Standalone Linear Li-Ion
Battery Charger and Dual
Synchronous Buck Converter
The LTC®3552 is a complete constant-current/constant-
voltage linear charger with a dual DC/DC converter for
single cell lithium-ion batteries. Its DFN package and low
external component count make the LTC3552 ideally suited
for portable applications. Furthermore, the LTC3552 is
designed to work within USB power specifications.
No external sense resistor or external blocking diode is
required due to the internal MOSFET architecture. The
charge voltage is fixed at 4.2V and the charge current is
programmed with a resistor. The charge cycle terminates
when the charge current drops below the programmed
termination threshold after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is
removed, the LTC3552 enters a low current state dropping
the battery drain current to less than 2µA. Thermal regula-
tion maximizes charge rate without risk of overheating.
The synchronous step-down switching regulators gen-
erate adjustable output voltages from 5V down to 0.6V.
The switching frequency is set at 2.25MHz, allowing the
use of small surface mount inductors and capacitors.
■
Cellular Telephones, PDAs, MP3 Players
■
Bluetooth Applications
■
Programmable Charge Current Up to 950mA
■
Complete Linear Charger and Dual DC/DC
Regulator
■
Buck Converter Output Voltage from 0.6V to 5V
■
No MOSFET, Sense Resistor or Blocking Diode
Required
■
Thermal Regulation Maximizes Charge Rate
Without Risk of Overheating*
■
Charges Directly from a USB Port
■
Programmable Charge Current Termination
■
Preset 4.2V Charge Voltage with ±1% Accuracy
■
Charge Current Monitor Output for Gas Gauging*
■
Automatic Recharge
■
Charge Status Output
■
“Power Present” Output
■
2.9V Trickle Charge Threshold
■
Soft-Start Limits Inrush Current
■
Low Quiescent Current Buck Converter (40µA)
■
Current Mode Operation, Constant Frequency (2.25MHz)
■
Low Profile (5mm × 3mm × 0.75mm) DFN Package
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. patents, including 6522118, 6700364, 5481178, 6580258, 6304066,
6127815, 6498466, 6611131.
Single Cell Li-Ion Battery Charger with
C/5 Termination and Dual DC/DC Converter
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
1000
100
10
1
0.1
10
100
1000
3552 TA01b
VCC = 3.3V, VOUT = 1.8V
Burst Mode OPERATION
REGULATOR 1, NO LOAD ON REGULATOR 2
POWER LOSS
EFFICIENCY
Efficiency Curve/
Power Loss of Regulators
VIN
4.5V TO
6.5V
VOUT2
2.5V/
400mA
VOUT1
1.8V/
800mA
3552 TA01
LTC3552
VIN
GND
COUT2
4.7
µF
CER
COUT1
10
µF
CER
ITERM
PROG
SW2
RUN1
RUN2
BAT
VCC
SW1
800mA
VFB2
VFB1
CFF2
68pF
R4
887k
R3
280k
CFF1
33pF
4.7
µH
1
µF
10
µF
2.2
µH
CHRG
PWR
EN
619
Ω
1.24k
+
4.2V
1-CELL
Li-Ion
BATTERY
R2
604k
R1
301k
POR
MODE/SYNC


Similar Part No. - LTC3552

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3552 LINER-LTC3552 Datasheet
332Kb / 24P
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552-1 LINER-LTC3552-1 Datasheet
294Kb / 20P
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552-1 LINER-LTC3552-1_15 Datasheet
300Kb / 20P
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552EDHC-1 LINER-LTC3552EDHC-1 Datasheet
294Kb / 20P
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552 LINER-LTC3552_15 Datasheet
332Kb / 24P
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
More results

Similar Description - LTC3552

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3552-1 LINER-LTC3552-1 Datasheet
294Kb / 20P
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC3552 LINER-LTC3552_15 Datasheet
332Kb / 24P
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552-1 LINER-LTC3552-1_15 Datasheet
300Kb / 20P
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
600mA Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com