Electronic Components Datasheet Search
  English  ▼

X  

LTC3552 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3552
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3552 Datasheet HTML 5Page - Linear Technology LTC3552 Datasheet HTML 6Page - Linear Technology LTC3552 Datasheet HTML 7Page - Linear Technology LTC3552 Datasheet HTML 8Page - Linear Technology LTC3552 Datasheet HTML 9Page - Linear Technology LTC3552 Datasheet HTML 10Page - Linear Technology LTC3552 Datasheet HTML 11Page - Linear Technology LTC3552 Datasheet HTML 12Page - Linear Technology LTC3552 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC3552
9
3552f
BLOCK DIAGRA
–
+
–
+
–
+
–
+
EA
UVDET
OVDET
0.6V
0.65V
0.55V
–
+
0.35V
UV
OV
ITH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
S
R
Q
Q
RS
LATCH
BURST
ICOMP
IRCMP
ANTI
SHOOT-
THRU
BURST
CLAMP
SLOPE
COMP
EN
SLEEP
POR
COUNTER
0.6V REF
OSC
OSC
REGULATOR 2 (IDENTICAL TO REGULATOR 1)
PGOOD1
PGOOD2
SHUTDOWN
VCC
VCC
REGULATOR 1
SW1
SW2
5
Ω
POR
–
+
–
+
–
+
120
°C
TDIE
TA
MA
CA
–
+
C2
C1
1
×
1
×
1000
×
VA
R1
BAT
R2
R3
1V
0.1V
R4
R5
ITERM
5
µA
RTERM
REF
1.21V
VIN
CHRG
EN
GND
TERM
PWR
CHARGE
SHDN
EN
LOGIC
PWR
PROG
RPROG
16
15
4
10
7
RUN1
RUN2
8
VFB2
MODE/SYNC
9
VFB1
3
11
6
12
5
1
13
17
14
2
RENABLE
VCC
2.9V
TO BAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com