Electronic Components Datasheet Search
  English  ▼

X  

LTC3552 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3552
Description  Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3552 Datasheet(HTML) 5 Page - Linear Technology

  LTC3552 Datasheet HTML 1Page - Linear Technology LTC3552 Datasheet HTML 2Page - Linear Technology LTC3552 Datasheet HTML 3Page - Linear Technology LTC3552 Datasheet HTML 4Page - Linear Technology LTC3552 Datasheet HTML 5Page - Linear Technology LTC3552 Datasheet HTML 6Page - Linear Technology LTC3552 Datasheet HTML 7Page - Linear Technology LTC3552 Datasheet HTML 8Page - Linear Technology LTC3552 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC3552
5
3552f
TEMPERATURE (
°C)
–50
0
10
20
30
40
60
–25
025
50
3552 G09a
75
100
50
VIN = 5V
VBAT = 2.5V
RPROG = 2k
RPROG = 10k
VIN (V)
4
0
10
20
30
40
60
4.5
5
5.5
6
3552 G09b
6.5
7
50
VBAT = 2.5V
RPROG = 2k
RPROG = 10k
TEMPERATURE (
°C)
–50
2.875
2.900
2.925
25
75
3552 G09c
2.850
2.825
2.800
–25
0
50
2.950
2.975
3.000
100
VIN = 5V
RPROG = 10k
3552 G09
VBAT (V)
2.4
400
500
600
3.3
3.9
300
200
2.7
3
3.6
4.2
4.5
100
0
VIN = 5V
θJA = 40°C/W
RPROG = 2k
Charge Current vs Battery Voltage
VCHRG (V)
0
20
25
30
35
3552 G07
15
10
12
46
7
5
0
TA = –40°C
TA = 25°C
TA = 90°C
VIN = 5V
VBAT = 4V
VPWR (V)
0
20
25
30
35
3552 G08
15
10
12
46
7
5
0
TA = –40°C
TA = 25°C
TA = 90°C
VIN = 5V
VBAT = 4V
⎯C⎯H⎯R⎯G Pin I-V Curve
(Pull-Down State)
⎯P⎯W⎯R Pin I-V Curve
(Pull-Down State)
VIN (V)
0
100
200
300
400
600
3552 G10
500
4
4.5
5
5.5
6
6.5
7
7.5
8
RPROG = 2k
RPROG = 10k
VBAT = 4V
θJA = 40°C/W
TEMPERATURE (
°C)
–50
400
500
600
25
75
3552 G11
300
200
–25
0
50
100
125
100
0
VIN = 5V
VBAT = 4V
θJA = 40°C/W
RPROG = 2k
ONSET OF THERMAL REGULATION
RPROG = 10k
Charge Current vs VIN
Charge Current
vs Ambient Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Battery Charger
TA = 25°C Unless Otherwise Specified.
Trickle Charge Threshold Voltage
vs Temperature
Trickle Charge Current vs VIN
Trickle Charge Current
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com