Electronic Components Datasheet Search
  English  ▼

X  

LTC3562 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3562
Description  I2C Quad Synchronous Step-Down DC/DC Regulator 2 횞 600mA, 2 횞 400mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3562 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3562 Datasheet HTML 9Page - Linear Technology LTC3562 Datasheet HTML 10Page - Linear Technology LTC3562 Datasheet HTML 11Page - Linear Technology LTC3562 Datasheet HTML 12Page - Linear Technology LTC3562 Datasheet HTML 13Page - Linear Technology LTC3562 Datasheet HTML 14Page - Linear Technology LTC3562 Datasheet HTML 15Page - Linear Technology LTC3562 Datasheet HTML 16Page - Linear Technology LTC3562 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3562
13
3562fa
Table 1. Write Word Protocol Used by the LTC3562
171181811
S
Slave Address
WR
A
*Sub-Address
A
Data Byte
A
P**
S = Start Condition, WR = Write Bit = 0, A = Acknowledge, P = Stop Condition
* The sub-address uses only the first four most significant bits, A7, A6, A5, and A4, for sub-addressing. The two least significant bits, A1 and A0, are
used to program the regulator operating mode.
**Stop can be delayed until all of the data registers have been written.
Table 2. Sub-Address and Data Byte Mapping
SUB-ADDRESS BYTE
DATA BYTE
A7
A6
A5
A4
A3
A2
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
PROGRAM
R600A
PROGRAM
R400A
PROGRAM
R600B
PROGRAM
R400B
NOT USED
REGULATOR
OPERATING
MODE
(SEE TABLE 3)
ENABLE
REGULATOR
DAC CODE
(See Tables 4, 5 and 6)
Figure 3. Bit Assignments
Figure 4. Timing Parameters
OPERATION
ACK
12
3
ADDRESS
WR
4
5
6
7
8
9
12345678
9
123456789
11
0
0
1
0
1
0
1
1
001010
A7
A6
A5
A4
A3
A2
A1
A0
A7
A6
A5
A4
A3
A2
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
76543210
ACK
STOP
START
SDA
SCL
ACK
SUB-ADDRESS
DATA BYTE
3562 F03
tSU, DAT
tHD, STA
tHD, DAT
SDA
SCL
tSU, STA
tHD, STA
tSU, STO
3562 F04
tBUF
tLOW
tHIGH
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
START
CONDITION
tr
tf
tSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com