Electronic Components Datasheet Search
  English  ▼

X  

LTC3562 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3562
Description  I2C Quad Synchronous Step-Down DC/DC Regulator 2 횞 600mA, 2 횞 400mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3562 Datasheet(HTML) 2 Page - Linear Technology

  LTC3562 Datasheet HTML 1Page - Linear Technology LTC3562 Datasheet HTML 2Page - Linear Technology LTC3562 Datasheet HTML 3Page - Linear Technology LTC3562 Datasheet HTML 4Page - Linear Technology LTC3562 Datasheet HTML 5Page - Linear Technology LTC3562 Datasheet HTML 6Page - Linear Technology LTC3562 Datasheet HTML 7Page - Linear Technology LTC3562 Datasheet HTML 8Page - Linear Technology LTC3562 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3562
2
3562fa
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3562EUD#PBF
LTC3562EUD#TRPBF
LCPV
20-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ...............................................................–0.3V to 6V
RUN600A...................................... –0.3V to (VIN + 0.3V)
RUN400A ...................................... –0.3V to (VIN + 0.3V)
FBx............................................................... –0.3V to 6V
SWx ............................................................. –0.3V to 6V
OUTx............................................................ –0.3V to 6V
DVCC, POR600A, SDA, SCL .........................–0.3V to 6V
ISW400x (DC) ........................................................600mA
ISW600x (DC) ........................................................850mA
Operating Temperature (Note 2)...............–40°C to 85°C
Storage Temperature Range...................–65°C to 125°C
Junction Temperature (Note 3) ............................. 125°C
(Notes 1, 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Input Voltage Range
l
2.7
5.5
V
VIN Input Current (Per Regulator Enabled)
Pulse Skip Mode, IOUT = 0
Burst Mode Operation, IOUT = 0
Forced Burst Mode Operation, IOUT = 0
LDO Mode, IOUT = 0
Shutdown Mode, IOUT = 0, DVCC = 1.8V
220
35
25
24
0.7
60
40
40
3
μA
μA
μA
μA
μA
VIN Shutdown Current
All Regulators in Shutdown, DVCC = 0V
0.1
1
μA
RUN600A, RUN400A Input High Threshold
l
1.0
V
RUN600A, RUN400A Input Low Threshold
l
0.3
V
RUN600A, RUN400A Input High Current
RUNx = VIN
–1
1
μA
RUN600A, RUN400A Input Low Current
RUNx = 0V
–1
1
μA
POR600A Threshold
Percentage of R600A’s Final Output Voltage
–8
%
POR600A On-Resistance
16
40
Ω
POR600A Delay
231
ms
20 19 18 17 16
7
8
TOP VIEW
21
UD PACKAGE
20-LEAD (3mm × 3mm) PLASTIC QFN
9 10
AGND
FB400A
OUT400B
SW400B
PGND
POR600A
FB600A
OUT600B
SW600B
PGND
12
11
13
14
15
4
5
3
2
1
6
TJMAX = 125°C, θJA = 68°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3.8V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com