Electronic Components Datasheet Search
  English  ▼

X  

LTC3562 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3562
Description  I2C Quad Synchronous Step-Down DC/DC Regulator 2 횞 600mA, 2 횞 400mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3562 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3562 Datasheet HTML 2Page - Linear Technology LTC3562 Datasheet HTML 3Page - Linear Technology LTC3562 Datasheet HTML 4Page - Linear Technology LTC3562 Datasheet HTML 5Page - Linear Technology LTC3562 Datasheet HTML 6Page - Linear Technology LTC3562 Datasheet HTML 7Page - Linear Technology LTC3562 Datasheet HTML 8Page - Linear Technology LTC3562 Datasheet HTML 9Page - Linear Technology LTC3562 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3562
6
3562fa
TYPICAL PERFORMANCE CHARACTERISTICS
R600A Feedback Voltage
vs Temperature
Oscillator Frequency
vs Temperature
Output Voltage
vs Load Current (B Version)
Dynamic Supply Current
vs Input Voltage
Dynamic Supply Current
vs Input Voltage
Burst Mode Operation
Forced Burst Mode Operation
Output Voltage vs Load Current
Switch RDS(ON) vs Input Voltage
TEMPERATURE (°C)
–50
0.790
0.794
0.798
0.802
–25
0
25
50
75
0.806
0.810
0.792
0.796
0.800
0.804
0.808
100
IOUT = 1mA
3562 G10
TEMPERATURE (°C)
–50
1.5
1.7
1.9
2.1
–25
0
25
50
75
2.3
2.5
1.6
1.8
2.0
2.2
2.4
100
VIN = 5.5V
VIN = 3.8V
VIN = 3V
VIN = 2.7V
3562 G11
LOAD CURRENT (mA)
0
1.190
1.200
1.210
100
200
300
400
500
1.220
1.195
1.205
1.215
600
VIN = 3.8V
VOUT = 1.2V (TYPE-B)
PULSE SKIP
3562 G12
VIN VOLTAGE (V)
2.7
3.1
20
30
45
3.5
4.3
4.7
25
40
35
3.9
5.1
5.5
3562 G13
LDO MODE
Burst Mode OPERATION
FORCED Burst Mode
OPERATION
IOUT = 0mA
VOUT = 1.2V
VOLTAGE (V)
2
0
1
2
3
4
34
5
6
5
6
2.5
3.5
4.5
5.5
3562 G14
IOUT = 0mA
400mA – VOUT = 1.2V
600mA – VOUT = 1.2V
400mA – VOUT = 1.8V
600mA – VOUT = 1.8V
400mA – VOUT = 2.5V
600mA – VOUT = 2.5V
400mA – VOUT = 3.3V
600mA – VOUT = 3.3V
PULSE SKIP
OPERATION
2μs/DIV
VOUT600A
50mV/DIV
AC
COUPLED
INDUCTOR
CURRENT
IL = 100mA/
DIV
SW
2V/DIV
3562 G15
PVIN = 3.8V
LOAD = 50mA
2μs/DIV
VOUT600A
50mV/DIV
AC
COUPLED
INDUCTOR
CURRENT
IL = 150mA/
DIV
SW
2V/DIV
3562 G16
PVIN = 3.8V
LOAD = 50mA
LOAD CURRENT (mA)
0
1.12
1.14
1.16
1.18
20
40
60
80
100
120
1.20
1.22
1.13
1.15
1.17
1.19
1.21
140
VIN = 3.8V
VOUT = 1.2V (TYPE-B)
3562 G17
LDO MODE
FORCED
Burst Mode
OPERATION
VIN VOLTAGE (V)
2.7
3.1
0
300
700
3.5
4.3
4.7
100
400
200
600
500
3.9
5.1
5.5
3562 G18
400mA PMOS
600mA NMOS
400mA NMOS
600mA PMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com