Electronic Components Datasheet Search
  English  ▼

X  

LTC3562 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3562
Description  I2C Quad Synchronous Step-Down DC/DC Regulator 2 횞 600mA, 2 횞 400mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3562 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3562 Datasheet HTML 12Page - Linear Technology LTC3562 Datasheet HTML 13Page - Linear Technology LTC3562 Datasheet HTML 14Page - Linear Technology LTC3562 Datasheet HTML 15Page - Linear Technology LTC3562 Datasheet HTML 16Page - Linear Technology LTC3562 Datasheet HTML 17Page - Linear Technology LTC3562 Datasheet HTML 18Page - Linear Technology LTC3562 Datasheet HTML 19Page - Linear Technology LTC3562 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3562
18
3562fa
TYPICAL APPLICATION
Quad Step-Down Converter with Push Button Control and Power Sequencing
SW600B
VCC CORE
VCC I/O
R5
100k
100k
R1
634k
C6
10pF
L1
3.3μH
C5
10μF
OUT600B
SW400B
POR600A
VIN
SDA
SCL
DVCC
SW600A
FB600A
RUN600A
RUN400A
SW400A
FB400A
OUT400B
PGND AGND
LTC3562
VOUT 600B
3.3V
600mA
Li-Ion BATTERY
3.4V TO 4.2V
MICROPROCESSOR
3562 TA02
C1
10μF
R2
499k
R3
1070k
C7
10pF
L2
4.7μH
C2
10μF
R4
499k
L3
3.3μH
C3
10μF
VOUT 400B
1.2V
400mA
L4
4.7μH
C4
10μF
VOUT 400A
2.5V
400mA
VOUT 600A
1.8V
600mA
POR SCL SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com