Electronic Components Datasheet Search
  English  ▼

X  

LTC3567 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3567
Description  High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3567 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3567 Datasheet HTML 9Page - Linear Technology LTC3567 Datasheet HTML 10Page - Linear Technology LTC3567 Datasheet HTML 11Page - Linear Technology LTC3567 Datasheet HTML 12Page - Linear Technology LTC3567 Datasheet HTML 13Page - Linear Technology LTC3567 Datasheet HTML 14Page - Linear Technology LTC3567 Datasheet HTML 15Page - Linear Technology LTC3567 Datasheet HTML 16Page - Linear Technology LTC3567 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3567
13
3567f
OPERATION
Figure 1. VOUT vs BAT
set to exceed the allowable USB current, the USB specifica-
tion will not be violated. The switching regulator will limit
the average input current so that the USB specification
is never violated. Furthermore, load current at VOUT will
always be prioritized and only remaining available power
will be used to charge the battery.
If the voltage at BAT is below 3.3V, or the battery is not
present and the load requirement does not cause the switch-
ing regulator to exceed the USB specification, VOUT will
regulate at 3.6V, thereby providing “Instant-On” operation.
If the load exceeds the available power, VOUT will drop to
a voltage between 3.6V and the battery voltage. If there
is no battery present when the load exceeds the available
USB power, VOUT can drop toward ground.
The power delivered from VBUS to VOUT is controlled
by a 2.25MHz constant-frequency step-down switching
regulator. To meet the USB maximum load specification,
the switching regulator includes a control loop which
ensures that the average input current is below the level
programmed at CLPROG.
The current at CLPROG is a fraction (hCLPROG–1)oftheVBUS
current. When a programming resistor and an averaging
capacitor are connected from CLPROG to GND, the voltage
on CLPROG represents the average input current of the
switching regulator. When the input current approaches
the programmed limit, CLPROG reaches VCLPROG, 1.188V
and power out is held constant. The input current is pro-
grammed by the B1 and B0 bits of the I2C serial port. It
can be configured to limit average input current to one of
several possible settings as well as be deactivated (USB
suspend). The input current limit will be set by the VCLPROG
servo voltage and the resistor on CLPROG according to
the following expression:
IVBUS =IBUSQ +
VCLPROG
RCLPROG
•(hCLPROG +1)
Figure 1 shows the range of possible voltages at VOUT as
a function of battery voltage.
Ideal Diode from BAT to VOUT
The LTC3567 has an internal ideal diode as well as a con-
troller for an optional external ideal diode. The ideal diode
controller is always on and will respond quickly whenever
VOUT drops below BAT.
If the load current increases beyond the power allowed
from the switching regulator, additional power will be pulled
from the battery via the internal ideal diode. Furthermore,
if power to VBUS (USB or wall power) is removed, then all
of the application power will be provided by the battery via
the ideal diode. The transition from input power to battery
power at VOUT will be quick enough to allow only the 10μF
capacitor to keep VOUT from drooping. The ideal diode
consists of a precision amplifier that enables a large on-
Figure 2. Ideal Diode Operation
BAT (V)
2.4
4.5
4.2
3.9
3.6
3.3
3.0
2.7
2.4
3.3
3.9
3567 F01
2.7
3.0
3.6
4.2
NO LOAD
300mV
FORWARD VOLTAGE (mV) (BAT – VOUT)
0
600
1800
2000
2200
120
240 300
3567 F02
200
1400
1000
400
1600
0
1200
800
60
180
360
480
420
VISHAY Si2333
OPTIONAL EXTERNAL
IDEAL DIODE
LTC3567
IDEAL DIODE
ON
SEMICONDUCTOR
MBRM120LT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com