Electronic Components Datasheet Search
  English  ▼

X  

LTC3567 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3567
Description  High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3567 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3567 Datasheet HTML 10Page - Linear Technology LTC3567 Datasheet HTML 11Page - Linear Technology LTC3567 Datasheet HTML 12Page - Linear Technology LTC3567 Datasheet HTML 13Page - Linear Technology LTC3567 Datasheet HTML 14Page - Linear Technology LTC3567 Datasheet HTML 15Page - Linear Technology LTC3567 Datasheet HTML 16Page - Linear Technology LTC3567 Datasheet HTML 17Page - Linear Technology LTC3567 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC3567
14
3567f
OPERATION
chip P-channel MOSFET transistor whenever the voltage at
VOUT is approximately 15mV (VFWD) below the voltage at
BAT. The resistance of the internal ideal diode is approxi-
mately 180mΩ. If this is sufficient for the application, then
no external components are necessary. However, if more
conductance is needed, an external P-channel MOSFET
transistor can be added from BAT to VOUT.
When an external P-channel MOSFET transistor is present,
the GATE pin of the LTC3567 drives its gate for automatic
ideal diode control. The source of the external P-chan-
nel MOSFET should be connected to VOUT and the drain
should be connected to BAT. Capable of driving a 1nF load,
the GATE pin can control an external P-channel MOSFET
transistor having an on-resistance of 40mΩ or lower.
Suspend LDO
If the LTC3567 is configured for USB suspend mode, the
switching regulator is disabled and the suspend LDO
provides power to the VOUT pin (presuming there is power
available to VBUS). This LDO will prevent the battery from
running down when the portable product has access to
a suspended USB port. Regulating at 4.6V, this LDO only
becomes active when the switching converter is disabled
(suspended). To remain compliant with the USB specifica-
tion, the input to the LDO is current limited so that it will
not exceed the 500μA low power suspend specification.
If the load on VOUT exceeds the suspend current limit,
the additional current will come from the battery via the
ideal diode.
3.3V Always-On Supply
The LTC3567 includes a low quiescent current low drop-out
regulator that is always powered. This LDO can be used to
provide power to a system pushbutton controller, standby
microcontroller or real time clock. Designed to deliver up
to 25mA, the always-on LDO requires at least a 1μF low
impedance ceramic bypass capacitor for compensation.
The LDO is powered from VOUT, and therefore will enter
dropout at loads less than 25mA as VOUT falls near 3.3V.
If the LDO3V3 output is not used, it should be disabled
by connecting it to VOUT.
VBUS Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors VBUS and
keeps the PowerPath switching regulator off until VBUS
rises above 4.30V and is at least 200mV above the battery
voltage. Hysteresis on the UVLO turns off the regulator if
VBUS drops below 4.00V or to within 50mV of BAT. When
this happens, system power at VOUT will be drawn from
the battery via the ideal diode.
Figure 3. PowerPath Block Diagram
+
–
0.3V
1.206V
3.6V
CLPROG
ISWITCH/N
+ –
15mV
IDEAL
DIODE
PWM AND
GATE DRIVE
AVERAGE INPUT
CURRENT LIMIT
CONTROLLER
AVERAGE OUTPUT
VOLTAGE LIMIT
CONTROLLER
CONSTANT CURRENT
CONSTANT VOLTAGE
BATTERY CHARGER
GATE
VOUT
SW
3.5V TO
(BAT + 0.3V)
TO SYSTEM
LOAD
OPTIONAL
EXTERNAL
IDEAL DIODE
PMOS
SINGLE CELL
Li-Ion
3567 F03
BAT
VBUS
TO USB
OR WALL
ADAPTER
+
21
2
19
18
20
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com