Electronic Components Datasheet Search
  English  ▼

X  

LTC3567 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3567
Description  High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3567 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3567 Datasheet HTML 2Page - Linear Technology LTC3567 Datasheet HTML 3Page - Linear Technology LTC3567 Datasheet HTML 4Page - Linear Technology LTC3567 Datasheet HTML 5Page - Linear Technology LTC3567 Datasheet HTML 6Page - Linear Technology LTC3567 Datasheet HTML 7Page - Linear Technology LTC3567 Datasheet HTML 8Page - Linear Technology LTC3567 Datasheet HTML 9Page - Linear Technology LTC3567 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC3567
6
3567f
ELECTRICAL CHARACTERISTICS
Ideal Diode V-I Characteristics
Ideal Diode Resistance
vs Battery Voltage
Output Voltage vs Output Current
(Battery Charger Disabled)
USB Limited Battery Charge
Current vs Battery Voltage
USB Limited Battery Charge
Current vs Battery Voltage
Battery Drain Current
vs Battery Voltage
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3567E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: The LTC3567 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 125°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 4: Total Input current is the sum of quiescent current, IVBUSQ, and
measured current given by:
VCLPROG/RCLPROG • (hCLPROG + 1)
Note 5: hC/10 is expressed as a fraction of measured full charge current
with indicated PROG resistor.
Note 6: Guaranteed by design.
TYPICAL PERFORMANCE CHARACTERISTICS
FORWARD VOLTAGE (V)
0
0.6
0.8
1.0
0.16
3567 G01
0.4
0.2
0
0.04
0.08
0.12
0.20
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE ONLY
VBUS = 0V
VBUS = 5V
BATTERY VOLTAGE (V)
2.7
0.15
0.20
0.25
3.9
3567 G02
0.10
0.05
0
3.0
3.3
3.6
4.2
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE
OUTPUT CURRENT (mA)
0
4.00
4.25
4.50
800
3567 G03
3.75
3.50
3.25
200
400
600
1000
BAT = 4V
BAT = 3.4V
VBUS = 5V
5x MODE
BATTERY VOLTAGE (V)
2.7
500
600
700
3.9
3567 G04
400
300
3.0
3.3
3.6
4.2
200
100
0
VBUS = 5V
RPROG = 1k
RCLPROG = 2.94k
5x USB SETTING,
BATTERY CHARGER SET FOR 1A
BATTERY VOLTAGE (V)
2.7
0
25
50
75
100
125
150
3.0
3.3
3.6
3.9
3567 G05
4.2
VBUS = 5V
RPROG = 1k
RCLPROG = 2.94k
1x USB SETTING,
BATTERY CHARGER SET FOR 1A
BATTERY VOLTAGE (V)
2.7
15
20
25
3.9
3567 G06
10
5
0
3.0
3.3
3.6
4.2
VBUS = 0V
VBUS = 5V
(SUSPEND MODE)
IVOUT = 0μA
TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com