Electronic Components Datasheet Search
  English  ▼

X  

LTC3567 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3567
Description  High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3567 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3567 Datasheet HTML 14Page - Linear Technology LTC3567 Datasheet HTML 15Page - Linear Technology LTC3567 Datasheet HTML 16Page - Linear Technology LTC3567 Datasheet HTML 17Page - Linear Technology LTC3567 Datasheet HTML 18Page - Linear Technology LTC3567 Datasheet HTML 19Page - Linear Technology LTC3567 Datasheet HTML 20Page - Linear Technology LTC3567 Datasheet HTML 21Page - Linear Technology LTC3567 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC3567
18
3567f
OPERATION
Table 2. I2C Serial Port Mapping (Defaults 0xFF00 in Reset State or if DVCC = 0V)
A7
A6
A5
A4
A3
A2
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
Reserved for Internal
Use
Switching Regulator
Voltage (See Table 4)
Disable
Battery
Charger
Buck-Boost
Regulator
Mode (See
Table 5)
Reserved for Internal
Use
Enable
Buck-Boost
Regulator
Input Current Limit
(See Table 3)
the total of one address byte and two data bytes. Each
data byte is transferred to an internal holding latch upon
the return of an Acknowledge. After both data bytes have
been transferred to the LTC3567, the master may terminate
the communication with a Stop condition. Alternatively, a
Repeat-Start condition can be initiated by the master and
another chip on the I2C bus can be addressed. This cycle
can continue indefinitely and the LTC3567 will remember
the last input of valid data that it received. Once all chips on
the bus have been addressed and sent valid data, a global
Stop condition can be sent and the LTC3567 will update its
command latch with the data that it had received.
In certain circumstances the data on the I2C bus may
become corrupted. In these cases the LTC3567 responds
appropriately by preserving only the last set of complete
data that it has received. For example, assume the LTC3567
has been successfully addressed and is receiving data
when a Stop condition mistakenly occurs. The LTC3567
will ignore this Stop condition and will not respond until
a new Start condition, correct address, new set of data
and Stop condition are transmitted.
Likewise, with only one exception, if the LTC3567 was
previously addressed and sent valid data but not updated
with a Stop, it will respond to any Stop that appears on
the bus, independent of the number of Repeat-Starts that
have occurred. If a Repeat-Start is given and the LTC3567
successfully acknowledges its address and first byte, it
will not respond to a Stop until both bytes of the new data
have been received and acknowledged.
Disabling the I2C Port
The I2C serial port can be disabled by grounding the DVCC
pin. In this mode, control automatically passes to the
individual logic input pins EN1 and CHRGEN. However,
with the I2C port disabled, the programmable buck-boost
switching regulator defaults to a fixed servo voltage of 0.8V
in PWM mode, and the USB input current limit defaults to
1x mode (100mA limit). By default the battery charger will
be enabled and the buck-boost will be disabled.
Table 3. USB Current Limit Settings
B1
B0
USB SETTING
0
0
1x Mode (USB 100mA Limit)
0
1
10x Mode (Wall 1A Limit)
1
0
Suspend
1
1
5x Mode (USB 500mA Limit)
Table 4. Buck-Boost Regulator Servo Voltage
A3
A2
A1
A0
SWITCHING REGULATOR
SERVO VOLTAGE
0
0
0
0
0.425V
0
0
0
1
0.450V
0
0
1
0
0.475V
0
0
1
1
0.500V
0
1
0
0
0.525V
0
1
0
1
0.550V
0
1
1
0
0.575V
0
1
1
1
0.600V
1
0
0
0
0.625V
1
0
0
1
0.650V
1
0
1
0
0.675V
1
0
1
1
0.700V
1
1
0
0
0.725V
1
1
0
1
0.750V
1
1
1
0
0.775V
1
1
1
1
0.800V
Table 5. Buck-Boost Switching Regulator Modes
B6
SWITCHING REGULATOR MODE
0
PWM Mode
1
Burst Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com