Electronic Components Datasheet Search
  English  ▼

X  

LTC3499 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3499
Description  750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3499 Datasheet(HTML) 2 Page - Linear Technology

  LTC3499 Datasheet HTML 1Page - Linear Technology LTC3499 Datasheet HTML 2Page - Linear Technology LTC3499 Datasheet HTML 3Page - Linear Technology LTC3499 Datasheet HTML 4Page - Linear Technology LTC3499 Datasheet HTML 5Page - Linear Technology LTC3499 Datasheet HTML 6Page - Linear Technology LTC3499 Datasheet HTML 7Page - Linear Technology LTC3499 Datasheet HTML 8Page - Linear Technology LTC3499 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3499/LTC3499B
3499f
2
ABSOLUTE
AXI U
RATI GS (Note 1)
TOP VIEW
DD PACKAGE
8-LEAD PLASTIC DFN
5
6
7
8
4
3
2
1
SHDN
VIN
SW
GND
VC
FB
VOUT
SS
9
PACKAGE/ORDER I FOR ATIO
FB, SS to GND ............................................ – 0.3V to 7V
Operating Temperature Range
(Notes 3, 4) ........................................ –40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)
MSOP .............................................................. 300
°C
ELECTRICAL CHARACTERISTICS The ● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 2.4V, VOUT = 5V, SHDN = 2.4V, TA = TJ unless otherwise noted.
VIN to GND ..................................................... – 7V to 7V
VOUT to GND ............................................... – 0.3V to 7V
SW to VOUT .................................................... – 7V to 1V
SW to GND
DC .............................................................. –7V to 7V
Pulsed < 100ns .......................................... –7V to 8V
SHDN to GND ................................................ – 7V to 7V
ORDER PART NUMBER
LTC3499EDD
LTC3499BEDD
LTC3499EMS8
LTC3499BEMS8
1250
Consult LTC Marketing for parts specified with wider operating temperature ranges.
VC
FB
VOUT
SS
SHDN
VIN
SW
GND
1
2
3
4
8
7
6
5
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/W
DD PART MARKING
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply
VIN
Minimum Start-Up Voltage
●
1.6
1.8
V
VOUT
Output Voltage Adjust Range
●
26
V
VFB
FB Voltage
●
1.195
1.220
1.245
V
IFB
FB Input Current
VFB = 1.22V
3
50
nA
IVIN
VIN Quiescent Current
No Output Load
●
300
600
µA
ISD
VIN Quiescent Current in Shutdown
SHDN = 0V, VOUT = 0V
0.1
1
µA
IBURST
Quiescent Current – Burst Mode Operation
VIN Current at 2.4V (LTC3499 Only)
20
µA
VOUT Current at 5V (LTC3499 Only)
1.5
µA
TJMAX = 125°C, θJA = 45°C
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
MS8 PART MARKING
LBRB
LCDZ
LTBRC
LTCFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com