Electronic Components Datasheet Search
  English  ▼

X  

LTC3499 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3499
Description  750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3499 Datasheet(HTML) 4 Page - Linear Technology

  LTC3499 Datasheet HTML 1Page - Linear Technology LTC3499 Datasheet HTML 2Page - Linear Technology LTC3499 Datasheet HTML 3Page - Linear Technology LTC3499 Datasheet HTML 4Page - Linear Technology LTC3499 Datasheet HTML 5Page - Linear Technology LTC3499 Datasheet HTML 6Page - Linear Technology LTC3499 Datasheet HTML 7Page - Linear Technology LTC3499 Datasheet HTML 8Page - Linear Technology LTC3499 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3499/LTC3499B
3499f
4
TYPICAL PERFOR A CE CHARACTERISTICS
2-Cell to 5V Efficiency
vs Load Current (LTC3499 Only)
TA = 25°C unless noted.
LOAD CURRENT (mA)
0.1
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
100000
1
10
100
1000
3499 G01
VIN = 3.2V
VIN = 2.4V
VIN = 1.8V
POWER LOSS
EFFICIENCY
LOAD CURRENT (mA)
0.1
70
80
100
100
3499 G03
60
50
1
10
1000
40
30
90
100
1000
100000
10
1
0.1
10000
VIN = 4.2V
VIN = 3.6V
VIN = 3V
POWER LOSS
EFFICIENCY
Li-Ion to 5V Efficiency
vs Load Current (LTC3499 Only)
LOAD CURRENT (mA)
0.1
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
100000
1
10
100
1000
3499 G02
VIN = 3V
VIN = 2.4V
VIN = 1.8V
POWER LOSS
EFFICIENCY
Maximum Output Current
Capability vs VIN
No Load Input Current vs VIN
(LTC3499 Only)
Burst Mode Quiescent Current
vs Temperature (LTC3499 Only)
Current Limit Accuracy
vs Temperature
Burst Mode Output Current
Threshold vs Input Voltage
(LTC3499 Only)
2-Cell to 3.3V Efficiency
vs Load Current (LTC3499 Only)
TEMPERATURE (
°C)
–50
1.00
1.01
1.02
25
75
3499 G04
0.99
0.98
0.97
0.96
–25
0
50
1.03
1.04
100
INPUT VOLTAGE (V)
1.8
0
10
20
30
40
60
2.3
2.8
3.3
3.8
3499 G05
4.3
4.8
50
VOUT = 5V
VIN (V)
1.5
400
500
600
5.5
3499 G06
300
200
0
2.5
3.5
4.5
100
800
700
VOUT = 3.3V
VOUT = 5V
VIN > VOUT
VIN > VOUT
VIN (V)
1.5
0
20
60
80
100
200
140
2.5
3.5
3499 G07
40
160
180
120
4.5
5.5
VOUT = 3.3V
VOUT = 5V
TEMPERATURE (
°C)
–50
0
5
10
15
20
30
–25
025
50
3499 G08
75
100
25
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3499 G17
0
1
VIN = 3.2V
VIN = 2.4V
VIN = 1.8V
2-Cell to 5V Efficiency
vs Load Current (LTC3499B Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com