Electronic Components Datasheet Search
  English  ▼

X  

LTC3499 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3499
Description  750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3499 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3499 Datasheet HTML 2Page - Linear Technology LTC3499 Datasheet HTML 3Page - Linear Technology LTC3499 Datasheet HTML 4Page - Linear Technology LTC3499 Datasheet HTML 5Page - Linear Technology LTC3499 Datasheet HTML 6Page - Linear Technology LTC3499 Datasheet HTML 7Page - Linear Technology LTC3499 Datasheet HTML 8Page - Linear Technology LTC3499 Datasheet HTML 9Page - Linear Technology LTC3499 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3499/LTC3499B
3499f
6
PI FU CTIO S
SHDN (Pin 1): Shutdown Input for IC. Connect to a voltage
greater than 1.2V to enable and a voltage less than 0.2V to
disable the LTC3499/LTC3499B.
VIN (Pin 2): Input Supply Voltage. The valid operating
voltage is between 1.8V to 5.5V. VIN has reverse battery
protection. Since the LTC3499/LTC3499B use VIN as the
main bias source, bypass with a low ESR ceramic capaci-
tor of at least 2.2
µF.
SW (Pin 3): Switch Pin. Connect an inductor from VIN to
this pin with a value between 2.2
µH and 10µH. Keep PCB
trace lengths as short and wide as possible to minimize
EMI and voltage overshoot. If the inductor current falls to
zero or SHDN is low an internal 250
Ω antiringing switch is
connected from VIN to SW to minimize EMI.
GND (Pin 4): Signal and Power Ground for the IC.
SS (Pin 5): Soft-Start Input. Connect a capacitor from SS
to ground to control the inrush current at start-up. An
internal 3
µA current source charges this pin. SS will be
discharged if SHDN is pulled low, thermal shutdown
occurs or VIN is below the minimum operating voltage.
VOUT (Pin 6): Power Supply Output. Connect a low ESR
output filter capacitor from this pin to the ground plane.
FB (Pin 7): FB Input to Error Amplifier. Connect a resistor
divider tap from VOUT to this pin to set the output voltage.
The output voltage can be adjusted between 2V and 6V.
Referring to the Functional Block Diagram, the output
voltage is given by:
V
R
R
OUT =+
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎤
⎦
⎥
122
1
1
2
.•
VC (Pin 8): Error Amplifier Output. A frequency compen-
sation network is connected from this pin to GND to
compensate the boost converter loop. See Closing the
Feedthrough Loop section for guidelines.
Exposed Pad—DD Only (Pin 9): Ground. Must be sol-
dered to the PCB power ground plane for electrical con-
nection and rated thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com