Electronic Components Datasheet Search
  English  ▼

X  

LTC3499 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3499
Description  750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3499 Datasheet(HTML) 3 Page - Linear Technology

  LTC3499 Datasheet HTML 1Page - Linear Technology LTC3499 Datasheet HTML 2Page - Linear Technology LTC3499 Datasheet HTML 3Page - Linear Technology LTC3499 Datasheet HTML 4Page - Linear Technology LTC3499 Datasheet HTML 5Page - Linear Technology LTC3499 Datasheet HTML 6Page - Linear Technology LTC3499 Datasheet HTML 7Page - Linear Technology LTC3499 Datasheet HTML 8Page - Linear Technology LTC3499 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3499/LTC3499B
3
3499f
ELECTRICAL CHARACTERISTICS The ● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 2.4V, VOUT = 5V, SHDN = 2.4V, TA = TJ unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Specification is guaranteed by design and not 100% tested in
production.
Note 3:The LTC3499E/LTC3499BE are guaranteed to meet device
specifications from 0
°C to 85°C. Specifications over the –40°C to 85°C
operating temperature are assured by design, characterization and
correlation with statistical process controls.
Note 4: These ICs include overtemperature protection that is intended to
protect the devices during momentary overload conditions. Junction
temperatures will exceed 125
°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
temperature range may impair device reliability.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INMOS
NMOS Switch Leakage
VSW = 6V
0.1
5
µA
IPMOS
PMOS Switch Leakage
VOUT = 6V, VSW = 0V
0.1
5
µA
RNMOS
NMOS Switch On Resistance
VOUT = 3.3V
0.45
Ω
VOUT = 5V
0.4
Ω
RPMOS
PMOS Switch On Resistance
VOUT = 3.3V
0.58
Ω
VOUT = 5V
0.45
Ω
ILIM
NMOS Current Limit
●
0.75
A
tDLY, ILIM
Current Limit Delay to Output
Note 2
60
ns
DMAX
Maximum Duty Cycle
●
80
85
%
DMIN
Minimum Duty Cycle
●
0%
fOSC
Frequency Accuracy
●
1
1.2
1.4
MHz
GmEA
Error Amplifier Transconductance
40
µmhos
ISOURCE
Error Amplifier Source Current
–5
µA
ISINK
Error Amplifier Sink Current
5
µA
ISS
SS Current Source
VSS = 1V
–3
µA
VOV
VOUT Overvoltage Threshold
6.8
V
VOV(HYST)
VOUT Overvoltage Hysteresis
400
mV
Shutdown
VSHDN(LOW)
SHDN Input Low
●
0.2
V
VSHDN(HIGH)
SHDN Input High
Measured at SW
●
1.2
V
ISD
SHDN Input Current
1
µA
Reverse Battery
IVOUT,REVBATT
VOUT Reverse-Battery Current
VOUT = 0V, VIN = VSHDN = VSW = –6V
●
5
µA
IVIN,REVBATT
VIN and VSW Reverse-Battery Current
VOUT = 0V, VIN = VSHDN = VSW = –6V
●
–5
µA
ISHDN,REVBATT
SHDN Reverse-Battery Current
VOUT = 0V, VIN = VSHDN = VSW = –6V
●
–5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com