Electronic Components Datasheet Search
  English  ▼

X  

LTC3670 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3670
Description  Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3670 Datasheet(HTML) 1 Page - Linear Technology

  LTC3670 Datasheet HTML 1Page - Linear Technology LTC3670 Datasheet HTML 2Page - Linear Technology LTC3670 Datasheet HTML 3Page - Linear Technology LTC3670 Datasheet HTML 4Page - Linear Technology LTC3670 Datasheet HTML 5Page - Linear Technology LTC3670 Datasheet HTML 6Page - Linear Technology LTC3670 Datasheet HTML 7Page - Linear Technology LTC3670 Datasheet HTML 8Page - Linear Technology LTC3670 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3670
1
3670f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Monolithic 400mA Buck
Regulator with Dual 150mA
LDOs in 3mm
× 2mm DFN
The LTC
®3670 is a triple power supply composed of a
400mA synchronous buck regulator and two 150mA low
dropout linear regulators (LDOs). The input supply range
of 2.5V to 5.5V is especially well-suited for single-cell
Lithium-Ion and Lithium-Ion/Polymer applications, and
for powering low voltage ASICs and SoCs from 3V, 3.3V
or 5V rails. Regulated output voltages are programmed
via external resistors. Each output has its own enable pin
for maximum flexibility.
The 400mA buck regulator features constant-frequency
2.25MHz operation, allowing small surface mount induc-
tors and capacitors to be used. Burst Mode operation
maintains high efficiency in light-load and no-load con-
ditions. Internal control-loop compensation simplifies
application design.
The LTC3670 is available in a 0.75mm profile, 3mm
×
2mm 12-lead DFN package.
Triple Power Supply with Independent Enables
n Triple Output Supply from a Single 2.5V to 5.5V Input
n 400mA Buck DC/DC Plus Dual 150mA LDOs in One IC
n Outputs Regulate Down to 0.8V
n ±2.5% Reference Accuracy
n Constant-Frequency 2.25MHz Operation
n Burst Mode® Operation for High Efficiency at Light
Loads; IQ = 70μA, All Outputs Enabled
n Independent Enable Pin for Each Output
n Current Mode Operation for Excellent Line and Load
Transient Response
n Internal Soft-Start for Each Output
n Tiny 12-Lead 3mm
× 2mm × 0.75mm DFN Package
n Handheld Products
n Portable Instruments
n Single-Cell Li-Ion/Li-Polymer Powered Devices
n DMB/DVB-H Multimedia Cell Phones
n Multivoltage Power for Digital Logic, I/O, FPGAs,
CPLDs, ASICs, SoCs, CPUs and RF Chipsets
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Patents pending.
VIN
LTC3670
VIN
3.3V TO 5.5V
SW
4.7μH
232k
2.2μF
464k
VOUT1
1.2V
400mA
10pF
4.7μF
BUCKFB
GND
ENBUCK
ENLDO1
ENLDO2
PGOOD
LDO1
LDO1_FB
DIGITAL
CONTROL
LDO2_FB
806k
324k
VOUT2
2.8V
150mA
1μF
LDO2
1.02M
324k
VOUT3
3.3V
150mA
1μF
3670 TA01a
Demoboard
3670 TA01b
9.4mm
ACTIVE AREA
9.3mm


Similar Part No. - LTC3670

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3670 LINER-LTC3670 Datasheet
216Kb / 12P
Monolithic 400mA Buck Regulator with Dual 150mA
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
Monolithic 400mA Buck Regulator with Dual 150mA
More results

Similar Description - LTC3670

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3672B-1 LINER-LTC3672B-1 Datasheet
174Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
Monolithic 400mA Buck Regulator with Dual 150mA
LTC3672B-2 LINER-LTC3672B-2_15 Datasheet
163Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com