Electronic Components Datasheet Search
  English  ▼

X  

LTC3670 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3670
Description  Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3670 Datasheet(HTML) 4 Page - Linear Technology

  LTC3670 Datasheet HTML 1Page - Linear Technology LTC3670 Datasheet HTML 2Page - Linear Technology LTC3670 Datasheet HTML 3Page - Linear Technology LTC3670 Datasheet HTML 4Page - Linear Technology LTC3670 Datasheet HTML 5Page - Linear Technology LTC3670 Datasheet HTML 6Page - Linear Technology LTC3670 Datasheet HTML 7Page - Linear Technology LTC3670 Datasheet HTML 8Page - Linear Technology LTC3670 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3670
4
3670f
TYPICAL PERFORMANCE CHARACTERISTICS
VIN Supply Current vs VIN
Buck Regulated Feedback Voltage
vs Temperature
Buck Load Regulation
LDO Dropout vs Load Current
at VIN = 3.6V
LDO Short-Circuit Current vs VIN
Buck Oscillator Frequency
vs Temperature
(TA = 25°C unless otherwise noted)
Regulated LDO Feedback Pin
Voltage vs Temperature
LDO Load Regulation
LDO Dropout vs Load Current
at VIN = 2.5V
VIN (V)
2.5
0
20
40
60
80
120
3
3.5
4
4.5
3670 G01
5
5.5
100
ALL THREE OUTPUTS ENABLED,
NO LOAD
–45°C
25°C
90°C
130°C
VIN (V)
2.5
3
3.5
4
4.5
3670 G08
5
5.5
0
100
200
300
400
500
50
150
250
350
450
– 45°C
25°C
90°C
TEMPERATURE (˚C)
–50
805
810
815
90
800
795
–10
30
–30
10
50
110
70
130
780
790
820
785
3670 G02
VIN = 4.2V
VIN = 5.5V
VIN = 2.5V
VIN = 3.6V
UNITY GAIN, V(OUT) = V(BUCKFB)
I(OUT) = 100mA
TEMPERATURE (˚C)
–50
805
810
815
90 110
800
795
–10
30
–30
10
50
70
130
780
790
820
785
3670 G03
UNITY GAIN, V(OUT) = V(LDO_FB)
I(OUT) = 0.1mA
VIN = 2.5V
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
LOAD CURRENT (mA)
0
805
810
815
350
800
795
100
200
50
150
250 300
400
780
790
820
785
3670 G04
VIN = 3.6V
LOAD CURRENT (mA)
0
25
50
75
100
3670 G05
125
150
780
790
800
810
820
785
795
805
815
VIN = 3.6V
130°C
– 45°C
LOAD CURRENT (mA)
0
25
50
75
100
3670 G06
125
150
VIN = 2.5V
0
100
200
300
50
150
250
25°C
90°C
130°C
– 45°C
LOAD CURRENT (mA)
0
25
50
75
100
3670 G07
125
150
VIN = 3.6V
0
100
200
300
50
150
250
25°C
90°C
TEMPERATURE (˚C)
–50
2.20
2.25
2.30
90
2.15
2.10
–10
30
–30
10
50
110
70
130
1.95
1.90
2.05
2.35
2.00
3670 G09
VIN = 4.2V
VIN = 2.5V
VIN = 3.6V
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com