Electronic Components Datasheet Search
  English  ▼

X  

LTC3670 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3670
Description  Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3670 Datasheet(HTML) 2 Page - Linear Technology

  LTC3670 Datasheet HTML 1Page - Linear Technology LTC3670 Datasheet HTML 2Page - Linear Technology LTC3670 Datasheet HTML 3Page - Linear Technology LTC3670 Datasheet HTML 4Page - Linear Technology LTC3670 Datasheet HTML 5Page - Linear Technology LTC3670 Datasheet HTML 6Page - Linear Technology LTC3670 Datasheet HTML 7Page - Linear Technology LTC3670 Datasheet HTML 8Page - Linear Technology LTC3670 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3670
2
3670f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, ENBUCK, ENLDO1, ENLDO2,
PGOOD .................................................... –0.3V to 6V
SW, BUCKFB, LDO1_FB, LDO2_FB,
LDO1, LDO2...............................–0.3V to (VIN + 0.3V)
ISW.......................................................................600mA
ILDO1, ILDO2 ..........................................................250mA
IPGOOD....................................................................40mA
Junction Temperature ........................................... 125°C
Operating Temperature Range.................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Notes 1, 2, 3)
TOP VIEW
13
DDB PACKAGE
12-LEAD (3mm × 2mm) PLASTIC DFN
SW
GND
ENLD01
ENLD02
ENBUCK
BUCKFB
VIN
LDO2
LDO1
LDO1_FB
LDO2_FB
PGOOD
8
7
10
9
11
12
5
6
4
2
3
1
TJMAX = 125°C, θJA = 76°C/W, θJC = 13.5°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
l
2.5
5.5
V
VUVLO
Undervoltage Lockout Threshold
VIN Rising
2.2
2.3
V
Undervoltage Lockout Hysteresis
18
100
mV
IQ
VIN Quiescent Current, No Load
All Outputs Enabled
Buck Enabled Only
Buck Enabled Only, in Dropout
One LDO Enabled Only
Shutdown
(Note 4)
VBUCKFB = 0.9V
VBUCKFB = 0.9V
VBUCKFB = 0V
VENBUCK = VENLDO1 = VENLDO2 = 0V
70
38
700
22
110
60
1100
35
1
μA
μA
μA
μA
μA
VIL
VIH
ENBUCK, ENLDO1, ENLDO2 Pin Thresholds
Logic Low Voltage
Logic High Voltage
l
l
1.2
0.4
V
V
ENBUCK, ENLDO1, ENLDO2 Pin Pull-Down
Resistance
4MΩ
RPGOOD
PGOOD Pin Logic Low Output Resistance
30
Ω
PGOOD Pin Hi-Z Leakage
VPGOOD = 6V
1
μA
PGOOD Threshold on Feedback Voltages of
Enabled Regulators
(Note 5)
92
%
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise noted.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3670EDDB#PBF
LTC3670EDDB#TRPBF
LDBY
12-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com