Electronic Components Datasheet Search
  English  ▼

X  

LTC3811 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3811
Description  High Speed Dual, Multiphase Step-Down DC/DC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3811 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3811 Datasheet HTML 9Page - Linear Technology LTC3811 Datasheet HTML 10Page - Linear Technology LTC3811 Datasheet HTML 11Page - Linear Technology LTC3811 Datasheet HTML 12Page - Linear Technology LTC3811 Datasheet HTML 13Page - Linear Technology LTC3811 Datasheet HTML 14Page - Linear Technology LTC3811 Datasheet HTML 15Page - Linear Technology LTC3811 Datasheet HTML 16Page - Linear Technology LTC3811 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
LTC3811
13
3811f
PIN FUNCTIONS
SENSE1–, SENSE2–: Negative Inputs to the Current
Comparators and Voltage Positioning gm Amplifier. The
common mode input voltage range for the current com-
parators is 0V to 3.5V.
SW1, SW2: Bootstrapped Supply Return Paths for the
Topside Gate Drivers, Connected to the Sources of the
Upper Power MOSFETs.
SGND: Signal Ground Pin for the IC. Common to both
controllers, this pin should be connected to the negative
terminals of the VOUT and INTVCC decoupling capacitors
and should be routed separately from any high current
paths on the PC board.
SS/TRACK1, SS/TRACK2: Combined Soft-Start and Track-
ing Inputs. For soft-start operation, connecting a capacitor
from this pin to ground will control the voltage ramp at
the output of the power supply. An internal 2.5μA current
source will charge the capacitor and thereby control an
extra input on the reference side of the error amplifier. For
tracking operation, this input allows the start-up of a sec-
ondary output to track a primary output according to a ratio
established by a resistor divider from the primary output
to the secondary error amplifier track pin. For coincident
tracking of both outputs at start-up, a resistor divider with
values equal to those connected to the secondary FB pin
from the secondary output should be used to connect the
secondary track input from the primary output.
TG1, TG2: High Current Gate Driver Outputs for the
N-Channel Upper Power MOSFETs.
VIN:MainSupplyInput.AlowESRceramicbypasscapacitor
should be connected between this pin and SGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com