Electronic Components Datasheet Search
  English  ▼

X  

LTC3811 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3811
Description  High Speed Dual, Multiphase Step-Down DC/DC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3811 Datasheet(HTML) 2 Page - Linear Technology

  LTC3811 Datasheet HTML 1Page - Linear Technology LTC3811 Datasheet HTML 2Page - Linear Technology LTC3811 Datasheet HTML 3Page - Linear Technology LTC3811 Datasheet HTML 4Page - Linear Technology LTC3811 Datasheet HTML 5Page - Linear Technology LTC3811 Datasheet HTML 6Page - Linear Technology LTC3811 Datasheet HTML 7Page - Linear Technology LTC3811 Datasheet HTML 8Page - Linear Technology LTC3811 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
LTC3811
2
3811f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... –0.3V to 30V
Topside Driver Voltages
(BOOST1, BOOST2) ............................... –0.3V to 37V
Switch Voltage (SW1, SW2) ......................... –5V to 30V
BOOST1 – SW1, BOOST2 – SW2................. –0.3V to 7V
DRVCC, INTVCC, EXTVCC, RUN1, RUN2, DIFF/IN+,
DIFF/IN–, PHASEMODE, PGOOD1, PGOOD2,
MODE/SYNC Voltages.................................. –0.3V to 7V
(Note 1)
13 14 15 16
TOP VIEW
39
UHF PACKAGE
38-LEAD (5mm × 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
SENSE1+
SENSE1–
SS/TRACK1
COMP1
FB1
SGND
INTVCC
FB2
COMP2
SS/TRACK2
SENSE2–
SENSE2+
BOOST1
TG1
SW1
BG1
EXTVCC
PGND
DRVCC
VIN
BG2
SW2
TG2
BOOST2
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP WIDE
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
PGOOD1
RUN1
RUN2
SENSE1+
SENSE1–
SS/TRACK1
COMP1
FB1
SGND
INTVCC
FB2
COMP2
SS/TRACK2
SENSE2–
SENSE2+
DIFF/OUT
DIFF/IN–
DIFF/IN+
PGOOD2
PLL/LPF
MODE/SYNC
BOOST1
TG1
SW1
BG1
EXTVCC
PGND
DRVCC
VIN
BG2
SW2
TG2
BOOST2
CLKOUT
RNG2
RNG1
TJMAX = 125°C, θJA = 100°C/W
FB1, FB2, RNG1, RNG2, SS/TRACK1, SS/TRACK2,
PLL/LPF, SENSE1+, SENSE1–, SENSE2+,
SENSE2– Voltages................................. –0.3V to INTVCC
DRVCC LDO RMS Output Current.........................100mA
OperatingTemperature Range (Note 2)..... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP Package .................................................. 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3811EUHF#PBF
LTC3811EUHF#TRPBF
3811
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 85°C
LTC3811EG#PBF
LTC3811EG#TRPBF
LTC3811EG
36-Lead Plastic SSOP Wide
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com