Electronic Components Datasheet Search
  English  ▼

X  

LTC3811 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3811
Description  High Speed Dual, Multiphase Step-Down DC/DC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3811 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3811 Datasheet HTML 2Page - Linear Technology LTC3811 Datasheet HTML 3Page - Linear Technology LTC3811 Datasheet HTML 4Page - Linear Technology LTC3811 Datasheet HTML 5Page - Linear Technology LTC3811 Datasheet HTML 6Page - Linear Technology LTC3811 Datasheet HTML 7Page - Linear Technology LTC3811 Datasheet HTML 8Page - Linear Technology LTC3811 Datasheet HTML 9Page - Linear Technology LTC3811 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LTC3811
6
3811f
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step (Pulse Skip Mode)
Load Step (Forced Continuous)
Load Step (Forced Continuous
with Voltage Positioning)
Low Duty Cycle Waveforms
Light Load Waveforms
(Forced Continuous Mode)
Light Load Waveforms
(Pulse Skip Mode)
Efficiency vs Load Current with
RSENSE = 1.5mΩ
Short-Circut Waveforms
VOUT
50mV/DIV
AC COUPLED
IL
5A/DIV
20μs/DIV
3811 G01
VIN = 12V
VOUT = 1.5V
ILOAD = 0.5A TO 8A
VOUT
50mV/DIV
AC COUPLED
IL
5A/DIV
20μs/DIV
3811 G02
VIN = 12V
VOUT = 1.5V
ILOAD = 0.5A TO 8A
VOUT
20mV/DIV
AC COUPLED
IL
5A/DIV
SW
5V/DIV
1μs/DIV
3811 G05
VIN = 12V
VOUT = 1.5V
ILOAD = 300mA
VOUT
20mV/DIV
AC COUPLED
IL
5A/DIV
SW
5V/DIV
1μs/DIV
3811 G06
VIN = 12V
VOUT = 1.5V
ILOAD = 300mA
VOUT
1V/DIV
IL
5A/DIV
PGOOD
5V/DIV
200μs/DIV
3811 G09
VIN = 12V
VOUT = 1.5V
VOUT
50mV/DIV
AC COUPLED
IL1
5A/DIV
IL2
5A/DIV
50μs/DIV
3811 G03
VIN = 12V
VOUT = 1.5V (2-PHASE)
ILOAD = 0A TO 15A
SW
10V/DIV
IL
2A/DIV
250ns/DIV
3811 G04
VIN = 20V
VOUT = 1.2V
ILOAD = 1.5A
LOAD CURRENT (A)
1
60
70
80
100
10
100
3811 G07
90
65
75
95
85
VIN = 12V
VOUT = 2V
DISCONTINUOUS
FORCED CONTINUOUS
Efficiency vs Load Current with
DCR Sensing
LOAD CURRENT (A)
1
60
70
80
100
10
100
3811 G08
90
65
75
95
85
VIN = 12V
VOUT = 2V
DISCONTINUOUS
FORCED CONTINUOUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com