Electronic Components Datasheet Search
  English  ▼

X  

LTC3811 Datasheet(PDF) 45 Page - Linear Technology

Part # LTC3811
Description  High Speed Dual, Multiphase Step-Down DC/DC Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3811 Datasheet(HTML) 45 Page - Linear Technology

Back Button LTC3811 Datasheet HTML 40Page - Linear Technology LTC3811 Datasheet HTML 41Page - Linear Technology LTC3811 Datasheet HTML 42Page - Linear Technology LTC3811 Datasheet HTML 43Page - Linear Technology LTC3811 Datasheet HTML 44Page - Linear Technology LTC3811 Datasheet HTML 45Page - Linear Technology LTC3811 Datasheet HTML 46Page - Linear Technology LTC3811 Datasheet HTML 47Page - Linear Technology LTC3811 Datasheet HTML 48Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
LTC3811
45
3811f
TYPICAL APPLICATIONS
VIN
EXTVCC
DRVCC
INTVCC
1.0Ω
BAT54
0.33μF
LTC3811
SGND
BOOST1
TG1
SW1
BG1
PGOOD1
AUX 5V GATE
DRIVE SUPPLY
TO SUPPLY
MONITOR
OUTPUT 1
ON/OFF
CONTROL
100k
1μF
PGOOD2
SS/TRACK1
SS/TRACK2
PGND
SENSE1+
SENSE1–
RNG1
RNG2
MODE/SYNC
SENSE2+
SENSE2–
BOOST2
TG2
SW2
BG2
PHASEMODE
FB2
PLL/LPF
CLKOUT
RUN1
RUN2
CSOUT
DIFF/IN+
DIFF/IN–
DIFF/OUT
FB1
COMP1
COMP2
50Ω
2200pF
50Ω
0.33μF
5nF
BAT54
0.4μH
10μF
X5R
VIN
12V
200μF
X5R
2000μF
VOUT1
1.5V
45A
0.0015Ω
0.0015Ω
RJK0305DPB
RJK0301DPB
50Ω
2200pF
50Ω
100μF
22μF
X5R
47μF
X5R
470μF
RJK0305DPB
RJK0301DPB
0.4μH
285k
100pF
33pF
4.99k
1%
7.5k
1%
VIN
EXTVCC
DRVCC
INTVCC
1.0Ω
BAT54
0.33μF
LTC3811
BOOST1
TG1
SW1
BG1
PGOOD2
AUX 5V GATE
DRIVE SUPPLY
TO SUPPLY
MONITOR
100k
1μF
PGOOD1
RNG1
RNG2
PGND
SENSE1+
SENSE1–
FB1
PHASEMODE
SS/TRACK2
SENSE2+
SENSE2–
BOOST2
TG2
SW2
BG2
SS/TRACK1
CLKOUT
PLL/LPF
MODE/SYNC
RUN1
COMP1
RUN2
CSOUT
DIFF/OUT
DIFF/IN+
DIFF/IN–
FB2
COMP2
SGND
50Ω
2200pF
50Ω
0.1μF
BAT54
0.4μH
10μF
X5R
VOUT2
3.3V
5A
0.0015Ω
0.0015Ω
RJK0305DPB
RJK0301DPB
50Ω
2200pF
50Ω
22μF
X5R
RJK0305DPB
RJK0301DPB
0.4μH
28.5k
100pF
33pF
4.99k
22.6k
1%
5nF
10nF
10k
100pF
Figure 31. 3-Phase, 12V Input, 1.5V/45A Output with a 3.3V/5A Auxiliary Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com