Electronic Components Datasheet Search
  English  ▼

X  

LTC3813 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3813
Description  100V Current Mode Synchronous Step-Up Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3813 Datasheet(HTML) 1 Page - Linear Technology

  LTC3813 Datasheet HTML 1Page - Linear Technology LTC3813 Datasheet HTML 2Page - Linear Technology LTC3813 Datasheet HTML 3Page - Linear Technology LTC3813 Datasheet HTML 4Page - Linear Technology LTC3813 Datasheet HTML 5Page - Linear Technology LTC3813 Datasheet HTML 6Page - Linear Technology LTC3813 Datasheet HTML 7Page - Linear Technology LTC3813 Datasheet HTML 8Page - Linear Technology LTC3813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC3813
1
3813fb
100V Current Mode
Synchronous Step-Up Controller
The LTC3813 is a synchronous step-up switching regulator
controller that can generate output voltages up to 100V.
The LTC3813 uses a constant off-time peak current control
architecture with accurate cycle-by-cycle current limit,
without requiring a sense resistor.
A precise internal reference provides ±0.5% DC accuracy.
A high bandwidth (25MHz) error amplifier provides very
fast line and load transient response. Large 1Ω gate drivers
allow the LTC3813 to drive multiple MOSFETs for higher
current applications. The operating frequency is selected
by an external resistor and is compensated for variations
in VIN and can also be synchronized to an external clock
for switching-noise sensitive applications. A shutdown pin
allows the LTC3813 to be turned off, reducing the supply
current to 240μA.
PARAMETER
LTC3813
LTC3814-5
Maximum VOUT
100V
60V
MOSFET Gate Drive
6.35V to 14V
4.5V to 14V
INTVCC UV+
6.2V
4.2V
INTVCC UV–
6V
4V
n 24V Fan Supplies
n 48V Telecom and Base Station Power Supplies
n Networking Equipment, Servers
n Automotive and Industrial Control Systems
n High Output Voltages: Up to 100V
n Large 1Ω Gate Drivers
n No Current Sense Resistor Required
n Dual N-Channel MOSFET Synchronous Drive
n ±0.5% 0.8V Voltage Reference
n Fast Transient Response
n Programmable Soft-Start
n Generates 10V Driver Supply from Input Supply
n Synchronizable to External Clock
n Power Good Output Voltage Monitor
n Adjustable Off-Time/Frequency: tOFF(MIN) < 100ns
n Adjustable Cycle-by-Cycle Current Limit
n Programmable Undervoltage Lockout
n Output Overvoltage Protection
n 28-Pin SSOP Package
High Efficiency High Voltage Step-Up Converter
Efficiency vs Load Current
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 5481178, 5847554, 6304066, 6476589, 6580258, 6677210, 6774611.
PGOOD
SYNC
VRNG
ITH
VFB
SGND
SS
1000pF
0.01μF
100pF
VIN
10V TO 40V
22μF
VOUT
50V/5A
IOFF
VOUT
100k
500k
50k
LTC3813
EXTVCC
TG
SW
SENSE–
BG
BGRTN
SENSE+
DRVCC
INTVCC
NDRV
BOOST
3813 TA01
0.1μF
M1
Si7850DP
10μH
M2
Si7850DP
2x
1μF
D1
MBR1100
30.9k
499Ω
270μF
2x
SHDN
+
+
LOAD (A)
90
95
85
80
100
3813 TA01b
VIN = 12V
VIN = 24V
VIN = 36V
04
123
5


Similar Part No. - LTC3813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
100V Current Mode Synchronous Step-Up Controller
More results

Similar Description - LTC3813

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
100V Current Mode PWM Controller
logo
Linear Technology
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
High-Voltage Synchronous Current Mode Step-Down Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
100V Current Mode Synchronous Switching Regulator Controller
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
60V Current Mode Synchronous Step-Up Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
100V Current Mode PWM Controller
logo
Linear Technology
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
High-Voltage Synchronous Current Mode Step-Down Controller
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
100V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
60V Current Mode Synchronous Step-Up Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
100V Current Mode PWM Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com