Electronic Components Datasheet Search
  English  ▼

X  

LTC3813 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3813
Description  100V Current Mode Synchronous Step-Up Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3813 Datasheet(HTML) 5 Page - Linear Technology

  LTC3813 Datasheet HTML 1Page - Linear Technology LTC3813 Datasheet HTML 2Page - Linear Technology LTC3813 Datasheet HTML 3Page - Linear Technology LTC3813 Datasheet HTML 4Page - Linear Technology LTC3813 Datasheet HTML 5Page - Linear Technology LTC3813 Datasheet HTML 6Page - Linear Technology LTC3813 Datasheet HTML 7Page - Linear Technology LTC3813 Datasheet HTML 8Page - Linear Technology LTC3813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC3813
5
3813fb
Load Transient Response
Start-Up
Overcurrent Operation
Efficiency vs Load Current
Frequency vs Input Voltage
Frequency vs Load Current
Current Sense Threshold
vs ITH Voltage
Off-Time vs IOFF Current
Off-Time vs VOFF Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT
200mV/
DIV
100μs/DIV
FIGURE 14 CIRCUIT
VIN = 12V
0A TO 4A LOAD STEP
3813 G01
IOUT
2A/DIV
3813 G02
1ms/DIV
VOUT
20V/DIV
SS
4V/DIV
IL
5A/DIV
FRONT PAGE CIRCUIT
VIN = 24V
ILOAD = 2A
3813 G03
500μs/DIV
VOUT
20V/DIV
IL
5A/DIV
FRONT PAGE CIRCUIT
VIN = 24V
RSHORT = 1Ω
LOAD (A)
0
90
95
4
85
80
1
2
3
100
3813 G04
VIN = 12V
VOUT = 24V
VIN = 5V
INPUT VOLTAGE (V)
10
260
280
300
30
35
240
220
200
15
20
25
40
3813 G05
ILOAD = 0A
ILOAD = 1A
FRONT PAGE CIRCUIT
200
220
210
230
240
250
260
280
270
LOAD CURRENT (A)
0
1
2
3
4
3813 G06
VIN = 12V
VIN = 24V
FRONT PAGE CIRCUIT
ITH VOLTAGE (V)
0
–400
–300
–200
–100
0
100
200
400
0.5
1
1.5
2
3813 G07
2.5
3
300
VRNG = 2V
1.4V
1V
0.7V
0.5V
IOFF CURRENT (μA)
10
10
100
1000
10000
100
1000
10000
3813 G08
VOFF = INTVCC
VOFF VOLTAGE (V)
0
400
500
700
1.5
2.5
3813 G09
300
200
0.5
1
23
100
0
600
IOFF = 300μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com