Electronic Components Datasheet Search
  English  ▼

X  

LTC3813 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3813
Description  100V Current Mode Synchronous Step-Up Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3813 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3813 Datasheet HTML 14Page - Linear Technology LTC3813 Datasheet HTML 15Page - Linear Technology LTC3813 Datasheet HTML 16Page - Linear Technology LTC3813 Datasheet HTML 17Page - Linear Technology LTC3813 Datasheet HTML 18Page - Linear Technology LTC3813 Datasheet HTML 19Page - Linear Technology LTC3813 Datasheet HTML 20Page - Linear Technology LTC3813 Datasheet HTML 21Page - Linear Technology LTC3813 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC3813
18
3813fb
The required inductance can then be calculated to be:
L
=
VIN(MIN) •DMAX
f• IL
The required saturation of the inductor should be chosen
to be greater than the peak inductor current:
IL(SAT)
IO(MAX)
1 DMAX
+
IL
2
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot afford
the core loss found in low cost powdered iron cores, forcing
theuseofmoreexpensiveferrite,molypermalloyorKoolMμ®
cores. A variety of inductors designed for high current, low
voltage applications are available from manufacturers such
as Sumida, Panasonic, Coiltronics, Coilcraft and Toko.
Schottky Diode D1 Selection
The Schottky diode D1 shown in the front page schematic
conducts during the dead time between the conduction of
the power MOSFET switches. It is intended to prevent the
body diode of the synchronous MOSFET from turning on
and storing charge during the dead time, which can cause
a modest (about 1%) efficiency loss. The diode can be
rated for about one half to one fifth of the full load current
since it is on for only a fraction of the duty cycle. The peak
reverse voltage that the diode must withstand is equal to
the regulator output voltage. In order for the diode to be
effective, the inductance between it and the synchronous
MOSFET must be as small as possible, mandating that
these components be placed adjacently. The diode can
be omitted if the efficiency loss is tolerable.
Output Capacitor Selection
In a boost converter, the output capacitor requirements
are demanding due to the fact that the current waveform
is pulsed. The choice of component(s) is driven by the
acceptable ripple voltage which is affected by the ESR,
ESL and bulk capacitance as shown in Figure 8e. The total
output ripple voltage is:
VOUT =IO(MAX)
1
f• COUT
+
ESR
1– DMAX
where the first term is due to the bulk capacitance and
second term due to the ESR.
For many designs it is possible to choose a single capacitor
type that satisfies both the ESR and bulk C requirements
for the design. In certain demanding applications, however,
the ripple voltage can be improved significantly by con-
necting two or more types of capacitors in parallel. For
example, using a low ESR ceramic capacitor can minimize
the ESR step, while an electrolytic capacitor can be used
to supply the required bulk C.
Figure 8. Switching Waveforms for a Boost Converter
APPLICATIONS INFORMATION
VIN
LD
SW
8a. Circuit Diagram
8b. Inductor and Input Currents
COUT
VOUT
RL
IIN
IL
8c. Switch Current
ISW
tON
8d. Diode and Output Currents
8e. Output Voltage Ripple Waveform
IO
ID
VOUT
(AC)
tOFF
ΔVESR
RINGING DUE TO
TOTAL INDUCTANCE
(BOARD + CAP)
ΔVCOUT
3813 F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com