Electronic Components Datasheet Search
  English  ▼

X  

LTC3813 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3813
Description  100V Current Mode Synchronous Step-Up Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3813 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3813 Datasheet HTML 10Page - Linear Technology LTC3813 Datasheet HTML 11Page - Linear Technology LTC3813 Datasheet HTML 12Page - Linear Technology LTC3813 Datasheet HTML 13Page - Linear Technology LTC3813 Datasheet HTML 14Page - Linear Technology LTC3813 Datasheet HTML 15Page - Linear Technology LTC3813 Datasheet HTML 16Page - Linear Technology LTC3813 Datasheet HTML 17Page - Linear Technology LTC3813 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC3813
14
3813fb
Power MOSFET Selection
The LTC3813 requires two external N-channel power
MOSFETs, one for the bottom (main) switch and one for
the top (synchronous) switch. Important parameters for
the power MOSFETs are the breakdown voltage BVDSS,
threshold voltage V(GS)TH, on-resistance RDS(ON), Miller
capacitance and maximum current IDS(MAX).
When the bottom MOSFET is used as the current sense
element, particular attention must be paid to its on-resis-
tance. MOSFET on-resistance is typically specified with
a maximum value RDS(ON)(MAX) at 25°C. In this case,
additional margin is required to accommodate the rise in
MOSFET on-resistance with temperature:
RDS(ON)(MAX) =
RSENSE
T
The
ρT term is a normalization factor (unity at 25°C)
accounting for the significant variation in on-resistance
with temperature (see Figure 2) and typically varies
from 0.4%/°C to 1.0%/°C depending on the particular
MOSFET used.
The most important parameter in high voltage applications
is breakdown voltage BVDSS. Both the top and bottom
MOSFETs will see full output voltage plus any additional
ringing on the switch node across its drain-to-source dur-
ing its off-time and must be chosen with the appropriate
breakdown specification. Since most MOSFETs in the 60V
to 100V range have higher thresholds (typically VGS(MIN)
≥ 6V), the LTC3813 is designed to be used with a 6.2V to
14V gate drive supply (DRVCC pin).
For maximum efficiency, on-resistance RDS(ON) and input
capacitance should be minimized. Low RDS(ON) minimizes
conduction losses and low input capacitance minimizes
transition losses. MOSFET input capacitance is a combi-
nation of several components but can be taken from the
typical “gate charge” curve included on most data sheets
(Figure 3).
Figure 3. Gate Charge Characteristic
The curve is generated by forcing a constant input cur-
rent into the gate of a common source, current source
loaded stage and then plotting the gate voltage versus
time. The initial slope is the effect of the gate-to-source
and the gate-to-drain capacitance. The flat portion of the
curve is the result of the Miller multiplication effect of the
drain-to-gate capacitance as the drain drops the voltage
across the current source load. The upper sloping line is
due to the drain-to-gate accumulation capacitance and
the gate-to-source capacitance. The Miller charge (the
APPLICATIONS INFORMATION
Figure 2. RDS(ON) vs Temperature
JUNCTION TEMPERATURE (°C)
–50
1.0
1.5
150
3813 F02
0.5
0
0
50
100
2.0
+
–
VDS
VOUT
VGS
MILLER EFFECT
QIN
ab
CMILLER = (QB – QA)/VDS
VGS
V
+
–
3813 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com