Electronic Components Datasheet Search
  English  ▼

X  

LTC3853 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3853 Datasheet HTML 10Page - Linear Technology LTC3853 Datasheet HTML 11Page - Linear Technology LTC3853 Datasheet HTML 12Page - Linear Technology LTC3853 Datasheet HTML 13Page - Linear Technology LTC3853 Datasheet HTML 14Page - Linear Technology LTC3853 Datasheet HTML 15Page - Linear Technology LTC3853 Datasheet HTML 16Page - Linear Technology LTC3853 Datasheet HTML 17Page - Linear Technology LTC3853 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC3853
14
3853f
APPLICATIONS INFORMATION
Figure 2. Two Different Methods of Sensing Current
(2a) Using a Resistor to Sense Current
(2b) Using the Inductor DCR to Sense Current
VIN
VIN
INTVCC
BOOST
TG
SW
BG
PGND
FILTER COMPONENTS
PLACED NEAR SENSE PINS
SENSE+
SENSE–
SGND
LTC3853
RS
RF
RF
CF
ESL
L1
3853 F02a
RSENSE
VIN
VIN
INTVCC
BOOST
TG
SW
BG
PGND
*PLACE C1 NEAR SENSE+,
SENSE– PINS
INDUCTOR
DCR
L
SENSE+
SENSE–
SGND
LTC3853
VOUT
3853 F02b
R1
R2
C1*
R1||R2 • C1 =
L
DCR
RSENSE(EQ) = DCR
R2
R1 + R2
the information at the sense terminals and making the
programmed current limit unpredictable. If DCR sensing
is used (Figure 2b), sense resistor R1 should be placed
close to the switching node, to prevent noise from coupling
into sensitive small-signal nodes. The capacitor C1 should
be placed close to the IC pins.
Low Value Resistors Current Sensing
A typical sensing circuit using a discrete resistor is shown
in Figure 2a. RSENSE is chosen based on the required
output current.
The current comparator has a maximum threshold
VSENSE(MAX) determined by the ILIM setting. The current
comparator threshold sets the peak of the inductor cur-
rent, yielding a maximum average output current IMAX
equal to the peak value less half the peak-to-peak ripple
current,
ΔIL. To calculate the sense resistor value, use
the equation:
R
V
I
I
SENSE
SENSE MAX
MAX
L
=
+
()
()
Δ
2
Because of possible PCB noise in the current sensing loop,
the AC current sensing ripple of
ΔVSENSE = ΔIL • RSENSE
also needs to be checked in the design to get a good
signal-to-noise ratio. In general, for a reasonably good
PCB layout, a 15mV
ΔVSENSE voltage is recommended
as a conservative number to start with, either for RSENSE
or DCR sensing applications.
For previous generation current mode controllers, the
maximum sense voltage was high enough (e.g., 75mV for
the LTC1628 / LTC3728 family) that the voltage drop across
the parasitic inductance of the sense resistor represented
a relatively small error. For today’s highest current density
solutions, however, the value of the sense resistor can
be less than 1mΩ and the peak sense voltage can be as
low as 20mV. In addition, inductor ripple currents greater
than 50% with operation up to 1MHz are becoming more
common. Under these conditions the voltage drop across
the sense resistor’s parasitic inductance is no longer neg-
ligible. A typical sensing circuit using a discrete resistor is
shown in Figure 2a. In previous generations of controllers,
a small RC filter placed near the IC was commonly used to
reduce the effects of capacitive and inductive noise coupled
inthe sense traces on the PCB. A typical filter consists of
two series 10Ω resistors connected to a parallel 1000pF
capacitor, resulting in a time constant of 20ns.
This same RC filter, with minor modifications, can be used
to extract the resistive component of the current sense
signal in the presence of parasitic inductance. For example,
Figure 3 illustrates the voltage waveform across a 2mΩ
sense resistor with a 2010 footprint for the 1.2V/15A
converter operating at 100% load. The waveform is the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com