Electronic Components Datasheet Search
  English  ▼

X  

LTC3853 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 2 Page - Linear Technology

  LTC3853 Datasheet HTML 1Page - Linear Technology LTC3853 Datasheet HTML 2Page - Linear Technology LTC3853 Datasheet HTML 3Page - Linear Technology LTC3853 Datasheet HTML 4Page - Linear Technology LTC3853 Datasheet HTML 5Page - Linear Technology LTC3853 Datasheet HTML 6Page - Linear Technology LTC3853 Datasheet HTML 7Page - Linear Technology LTC3853 Datasheet HTML 8Page - Linear Technology LTC3853 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC3853
2
3853f
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... 28V to –0.3V
Topside Driver Voltages
BOOST1, BOOST2, BOOST3 .................. 34V to –0.3V
Switch Voltage (SW1, SW2, SW3)................ 28V to –5V
INTVCC, RUN1, RUN2, RUN3, PGOOD12, PGOOD3,
DRVCC12, EXTVCC, (BOOST1-SW1),
(BOOST2-SW2), (BOOST3-SW3)................. 6V to –0.3V
SENSE1+, SENSE2+, SENSE1–,
SENSE2– Voltages..................................... 5.7V to –0.3V
SENSE3+, SENSE3–.................................... 14V to –0.3V
VFB2........................................................ 300μA Max IFB2
MODE/PLLIN, ILIM,TK/SS1,
TK/SS2, TK/SS3 Voltages ..................... INTVCC to –0.3V
ITH1, ITH2, ITH3, VFB1, VFB3 Voltages ...... INTVCC to –0.3V
INTVCC Peak Output Current ................................150mA
Operating Temperature Range (Note 2)
LTC3853E............................................. –40°C to 85°C
LTC3853I............................................ –40°C to 125°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
TK/SS2
TK/SS3
SNSP1
SNSN1
SNSP2
SNSN2
SNSP3
SNSN3
VFB1
ITH1
BG1
DRVCC12
BG2
SW2
TG2
BOOST2
VIN
EXTVCC
INTVCC
BG3
21
30
10
1
UJ PACKAGE
40-LEAD (6mm
× 6mm) PLASTIC QFN
TJMAX = 125°C, θJA = 33°C/W
EXPOSED PAD (PIN 41) IS PGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3853EUJ#PBF
LTC3853EUJ#TRPBF
LTC3853
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 85°C
LTC3853IUJ#PBF
LTC3853IUJ#TRPBF
LTC3853
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3853EUJ
LTC3853EUJ#TR
LTC3853
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 85°C
LTC3853IUJ
LTC3853IUJ#TR
LTC3853
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com