Electronic Components Datasheet Search
  English  ▼

X  

LTC3853 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 5 Page - Linear Technology

  LTC3853 Datasheet HTML 1Page - Linear Technology LTC3853 Datasheet HTML 2Page - Linear Technology LTC3853 Datasheet HTML 3Page - Linear Technology LTC3853 Datasheet HTML 4Page - Linear Technology LTC3853 Datasheet HTML 5Page - Linear Technology LTC3853 Datasheet HTML 6Page - Linear Technology LTC3853 Datasheet HTML 7Page - Linear Technology LTC3853 Datasheet HTML 8Page - Linear Technology LTC3853 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC3853
5
3853f
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current
and Mode
Efficiency and Power Loss
vs Input Voltage
Efficiency vs Output Current
and Mode
Load Step
(Burst Mode Operation)
Load Step
(Forced Continuous Mode)
LOAD CURRENT (mA)
1.00E-02
1.00E-01
1.00E+00
1.00E+01
40
50
60
70
80
30
20
10
0
90
100
3853 G01
BURST
DCM
CCM
VIN = 12V
VOUT = 1.8V
FIGURE 15 MODIFIED
WITH DCR SENSING
LOAD CURRENT (mA)
1.00E-02
1.00E-01
1.00E+00
1.00E+01
40
50
60
70
80
30
20
10
0
90
100
3853 G02
BURST
DCM
CCM
VIN = 12V
VOUT = 3.3V
FIGURE 15 MODIFIED
WITH DCR SENSING
INPUT VOLTAGE (V)
0
75
80
85
15
25
3853 G03
70
65
60
510
20
90
95
100
1.0
0.8
1.2
1.4
0.4
0.6
0.2
0
1.6
1.8
2.0
30
VOUT = 3.3V
IOUT = 2A
FIGURE 15 MODIFIED
WITH DCR SENSING
EFFICIENCY
POWER LOSS
40μs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
2A/DIV
ILOAD
2A/DIV
3853 G04
VIN = 12V
VOUT = 3.3V
ILOAD = 0A TO 3A
FIGURE 15 CIRCUIT
40μs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
2A/DIV
ILOAD
2A/DIV
3853 G05
VIN = 12V
VOUT = 3.3V
ILOAD = 0A TO 3A
FIGURE 15 CIRCUIT
Inductor Current at Light Load
Load Step
(Pulse Skip Mode)
40μs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
2A/DIV
ILOAD
2A/DIV
3853 G06
VIN = 12V
VOUT = 3.3V
ILOAD = 0A TO 3A
FIGURE 15 CIRCUIT
1μs/DIV
Burst Mode
OPERATION
2A/DIV
FORCED
CONTINUOUS
MODE
2A/DIV
PULSE SKIPPING
MODE
2A/DIV
3853 G07
VIN = 12
VOUT = 1.8V
ILOAD = 100mA
FIGURE 15 CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com