Electronic Components Datasheet Search
  English  ▼

X  

LTC3853 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3853 Datasheet HTML 28Page - Linear Technology LTC3853 Datasheet HTML 29Page - Linear Technology LTC3853 Datasheet HTML 30Page - Linear Technology LTC3853 Datasheet HTML 31Page - Linear Technology LTC3853 Datasheet HTML 32Page - Linear Technology LTC3853 Datasheet HTML 33Page - Linear Technology LTC3853 Datasheet HTML 34Page - Linear Technology LTC3853 Datasheet HTML 35Page - Linear Technology LTC3853 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC3853
32
3853f
TYPICAL APPLICATIONS
Triple 3.3V/2.5V/12V, 5A Step-Down Converter with RSENSE Synchronized at 400kHz
TG1
TG2
BOOST1,2,3
SW1
SW2
BG1
BG2
SENSE1+
MODE/PLLIN
SENSE2+
SENSE1–
SENSE2–
VFB1
VFB2
ITH1,2,3
VIN
INTVCC
DRVCC12
LTC3853
20k
1%
FREQ/PLLFLTR
ILIM
PGND
PGOOD12
SGND
TK/SS1,2,3
VFB3
SENSE3–
SENSE3+
SW3
TG3
BG3
RUN1,2,3
PGOOD3
10Ω*
10Ω*
20k
1%
10k
43.2k
1%
4.7μF
VOUT1
3.3V
5A
VOUT2
2.5V
5A
10k
1%
0.008Ω
5%
VOUT3
12V
4A
VIN
13V TO 24V
CITH1,2,3
RITH1,2,3
1000pF*
PLLIN
400kHz
220μF
4V
M1, M2, M3: Si4816BDY
CHANNEL 1: RITH1 = 18k, CITH1 = 1500pF, CP1 = 220pF
CHANNEL 2: RITH2 = 18k, CITH2 = 1500pF, CP2 = 220pF
CHANNEL 3: RITH3 = 43k, CITH3 = 470pF, CP3 = 330pF
CP1,2,3
33μF
35V
CSS1,2,3
0.1μF
1000pF
1000pF*
10nF
1000pF*
10Ω*
10pF
10Ω*
2.2μH
3.3μH
6.8μH
22pF
CB1,2,3 0.1μF
SW1,2,3
DB1,2,3
M2
M1
M3
+
220μF
4V
+
220μF
16V
3853 TA02
+
140k
1%
10Ω*
10Ω*
63.4k
1%
0.008Ω
5%
10pF
0.011Ω
5%
*THESE FILTER COMPONENTS NEED TO BE CLOSE TO THE IC
EXTVCC
Triple 1.8V/1.2V/2.5V, 15A High Current Step-Down Converter with RSENSE, fSW = 400kHz
TG1
TG2
BOOST1,2,3
SW1
SW2
BG1
BG2
SENSE1+
SENSE2+
SENSE1–
SENSE2–
VFB1
VFB2
ITH1,2,3
VIN
INTVCC
DRVCC12
LTC3853
MODE/PLLIN
20k
1%
FREQ/PLLFLTR
ILIM
PGND
PGOOD12
SGND
EXTVCC
TK/SS1,2,3
VFB3
SENSE3–
SENSE3+
SW3
TG3
BG3
RUN1,2,3
PGOOD3
100Ω*
100Ω*
20k
1%
2.55k
10k
1%
4.7μF
10k
INTVCC
VOUT1
1.8V
15A
VOUT2
1.2V
15A
20k
1%
0.002Ω
5%
VOUT3
2.5V
15A
VIN
6.5V TO 14V
CITH1,2,3
RITH1,2,3
1000pF*
660μF
2.5V
M1, M3, M5: RJK0305DPB
M2, M4, M6: RJK0301DPB
CHANNEL 1: RITH1 = 15k, CITH1 = 1500pF, CP1 = 330pF
CHANNEL 2: RITH2 = 10k, CITH2 = 1500pF, CP2 = 220pF
CHANNEL 3: RITH3 = 13k, CITH3 = 1500pF, CP3 = 330pF
CP1,2,3
180μF
16V
CSS1,2,3
0.1μF
1000pF
1000pF*
1000pF*
100Ω*
100Ω*
0.47μH
0.56μH
0.78μH
CB1,2,3 0.1μF
SW1,2,3
DB1,2,3
M3
M4
M1
M2
M5
M6
100Ω*
+
660μF
2.5V
47pF
+
660μF
4V
3853 TA03
+
43.2k
1%
100Ω*
24.9k
1%
0.002Ω
5%
22pF
0.002Ω
5%
*THESE FILTER COMPONENTS NEED TO BE CLOSE TO THE IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com