Electronic Components Datasheet Search
  English  ▼

X  

LTC3862 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3862
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3862 Datasheet HTML 9Page - Linear Technology LTC3862 Datasheet HTML 10Page - Linear Technology LTC3862 Datasheet HTML 11Page - Linear Technology LTC3862 Datasheet HTML 12Page - Linear Technology LTC3862 Datasheet HTML 13Page - Linear Technology LTC3862 Datasheet HTML 14Page - Linear Technology LTC3862 Datasheet HTML 15Page - Linear Technology LTC3862 Datasheet HTML 16Page - Linear Technology LTC3862 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LTC3862
13
3862fb
OPERATION
In multi-phase applications, all of the FB pins are connected
together and all of the error amplifier output pins (ITH) are
connected together. The INTVCC pins, however, should not
be connected together. The INTVCC regulator is capable of
sourcing current but is not capable of sinking current. As
a result, when two or more INTVCC regulator outputs are
connected together, the highest voltage regulator supplies
all of the gate drive and control circuit current, and the
other regulators are off. This would place a thermal burden
on the highest output voltage LDO and could cause the
maximum die temperature to be exceeded. In multi-phase
LTC3862 applications, each INTVCCregulatoroutputshould
be independently bypassed to its respective PGND pin as
close as possible to each IC.
The Low Voltage Analog and Digital Supply LDO (3V8)
The second LDO within the LTC3862 is powered off of
INTVCC and serves as the supply to the low voltage analog
and digital control circuitry, as shown in Figure 1. The
output voltage of this LDO (which also has a PMOS out-
put device) is 3.8V. Most of the analog and digital control
circuitry is powered from the internal 3V8 LDO. The 3V8
pin should be bypassed to SGND with a 1nF ceramic ca-
pacitor (X5R or better), placed as close as possible to the
IC pins. This LDO is not intended to be used as a supply
for external circuitry.
Thermal Considerations and Package Options
The LTC3862 is offered in two package options. The 5mm
× 5mm QFN package (UH24) has a thermal resistance
RTH(JA) of 34°C/W, the 24-pin TSSOP (FE24) package has a
thermal resistance of 38°C/W, and the 24-pin SSOP (GN24)
package has a thermal resistance of 85°C/W. The QFN and
TSSOP package options have a lead pitch of 0.65mm, and
the GN24 option has a lead pitch of 0.025in.
The INTVCC regulator can supply up to 50mA of total
current. As a result, care must be taken to ensure that
the maximum junction temperature of the IC is never
exceeded. The junction temperature can be estimated
using the following equations:
IQ(TOT) = IQ + QG(TOT) • f
PDISS = VIN • (IQ + QG(TOT) • f)
TJ = TA + PDISS • RTH(JA)
The total quiescent current (IQ(TOT)) consists of the static
supply current (IQ) and the current required to charge
the gate capacitance of the power MOSFETs. The value
of QG(TOT) should come from the plot of VGS vs QG in the
Typical Performance Characteristics section of the MOSFET
data sheet. The value listed in the electrical specifications
may be measured at a higher VGS, such as 10V, whereas the
value of interest is at the 5V INTVCC gate drive voltage.
As an example of the required thermal analysis, consider
a 2-phase boost converter with a 9V to 24V input voltage
range and an output voltage of 48V at 2A. The switching
frequency is 150kHz and the maximum ambient tempera-
ture is 70°C. The power MOSFET used for this application
is the Vishay Si7478DP, which has a typical RDS(ON) of
8.8mΩ at VGS = 4.5V and 7.5mΩ at VGS = 10V. From the
plot of VGS vs QG, the total gate charge at VGS = 5V is
50nC (the temperature coefficient of the gate charge is
low). One power MOSFET is used for each phase. For the
QFN package option:
IQ(TOT) = 3mA + 2 • 50nC • 150kHz = 18mA
PDISS = 24V • 18mA = 432mW
TJ = 70°C + 432mW • 34°C/W = 84.7°C
In this example, the junction temperature rise is only 14.7°C.
These equations demonstrate how the gate charge current
typically dominates the quiescent current of the IC, and
how the choice of package option and board heat sinking
can have a significant effect on the thermal performance
of the solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com