Electronic Components Datasheet Search
  English  ▼

X  

LTC3862 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3862
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3862 Datasheet HTML 2Page - Linear Technology LTC3862 Datasheet HTML 3Page - Linear Technology LTC3862 Datasheet HTML 4Page - Linear Technology LTC3862 Datasheet HTML 5Page - Linear Technology LTC3862 Datasheet HTML 6Page - Linear Technology LTC3862 Datasheet HTML 7Page - Linear Technology LTC3862 Datasheet HTML 8Page - Linear Technology LTC3862 Datasheet HTML 9Page - Linear Technology LTC3862 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC3862
6
3862fb
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Line Regulation
INTVCC Load Regulation
INTVCC vs Temperature
INTVCC LDO Dropout vs Load
Current, Temperature
INTVCC UVLO Threshold vs
Temperature
Feedback Voltage vs Temperature
Feedback Voltage Line
Regulation
Current Sense Threshold vs
ITH Voltage
Current Sense Threshold vs
Temperature
INPUT VOLTAGE (V)
0
5.00
5.25
20
3962 G09
510
15
25
4.75
INTVCC LOAD CURRENT (mA)
0
4.90
4.95
40
3862 G10
4.85
4.80
10
20
30
50
5.00
TEMPERATURE (°C)
–50
4.90
4.91
4.93
4.94
4.95
5.00
4.97
0
50
75
3862 G11
4.92
4.98
4.99
4.96
–25
25
100 125
150
INTVCC LOAD (mA)
0
600
800
1000
30
50
3862 G12
400
200
0
10
20
40
1200
1400
1600
150°C
85°C
25°C
–40°C
125°C
TEMPERATURE (°C)
–50
2.6
2.7
2.9
3.0
3.1
3.6
3.3
0
50
75
3862 G13
2.8
3.4
3.5
3.2
–25
25
100 125
150
TEMPERATURE (°C)
–50
1.211
1.215
1.219
1.223
1.227
1.235
–25
025
50
3862 G14
75
100 125 150
1.231
1.213
1.217
1.221
1.225
1.233
1.229
INPUT VOLTAGE (V)
4
1.220
1.221
1.222
1.223
1.224
12
20
28
36
3862 G15
1.225
1.226
816
24
32
ITH VOLTAGE (V)
50
60
70
3862 G16
30
0
0
0.4
0.8
1.2
1.6
2.0
2.4
80
40
20
10
TEMPERATURE (°C)
–50
70
71
73
74
75
80
77
0
50
75
3862 G17
72
78
79
76
–25
25
100 125
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com