Electronic Components Datasheet Search
  English  ▼

X  

LTC3862 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC3862
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC3862 Datasheet HTML 32Page - Linear Technology LTC3862 Datasheet HTML 33Page - Linear Technology LTC3862 Datasheet HTML 34Page - Linear Technology LTC3862 Datasheet HTML 35Page - Linear Technology LTC3862 Datasheet HTML 36Page - Linear Technology LTC3862 Datasheet HTML 37Page - Linear Technology LTC3862 Datasheet HTML 38Page - Linear Technology LTC3862 Datasheet HTML 39Page - Linear Technology LTC3862 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
LTC3862
39
3862fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
UH Package
24-Lead Plastic QFN (5mm
× 5mm)
(Reference LTC DWG # 05-08-1747 Rev A)
5.00
0.10
5.00
0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.55
0.10
23
1
2
24
BOTTOM VIEW—EXPOSED PAD
3.25 REF
3.20
0.10
3.20
0.10
0.75
0.05
R = 0.150
TYP
0.30
0.05
(UH24) QFN 0708 REV A
0.65 BSC
0.200 REF
0.00 – 0.05
0.75 0.05
3.25 REF
3.90 0.05
5.40 0.05
0.30
0.05
PACKAGE OUTLINE
0.65 BSC
RECOMMENDED SOLDER PAD LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
PIN 1 NOTCH
R = 0.30 TYP
OR 0.35
45
CHAMFER
R = 0.05
TYP
3.20
0.05
3.20
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com