Electronic Components Datasheet Search
  English  ▼

X  

LTC4080 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4080
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080 Datasheet(HTML) 1 Page - Linear Technology

  LTC4080 Datasheet HTML 1Page - Linear Technology LTC4080 Datasheet HTML 2Page - Linear Technology LTC4080 Datasheet HTML 3Page - Linear Technology LTC4080 Datasheet HTML 4Page - Linear Technology LTC4080 Datasheet HTML 5Page - Linear Technology LTC4080 Datasheet HTML 6Page - Linear Technology LTC4080 Datasheet HTML 7Page - Linear Technology LTC4080 Datasheet HTML 8Page - Linear Technology LTC4080 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4080
1
4080fb
■ Wireless Headsets
■ Bluetooth Applications
■ Portable MP3 Players
■ Multifunction Wristwatches
Li-Ion Battery Charger with 1.8V Buck Regulator
500mA Standalone Li-Ion
Charger with Integrated
300mA Synchronous Buck
The LTC4080 is a complete constant-current/constant-
voltage linear battery charger for a single-cell 4.2V
lithium-ion battery with an integrated 300mA synchron-
ous buck converter. The small packages and low external
component count make the LTC4080 especially suitable for
portable applications. Furthermore, LTC4080 is specifically
designed to work within USB power specifications.
The
⎯C⎯H⎯R⎯G pin indicates when charge current has
dropped to ten percent of its programmed value (C/10).
An internal 4.5 hour timer terminates the charge cycle.
The full-featured LTC4080 battery charger also includes
trickle charge, automatic recharge and soft-start (to limit
inrush current).
The LTC4080 integrates a synchronous buck converter
that is powered from the BAT pin. It has an adjustable
output voltage and can deliver up to 300mA of load cur-
rent. The buck converter also features low-current high-
efficiency Burst Mode operation that can be selected by
the MODE pin.
The LTC4080 is available in 10-lead, low profile (0.75 mm)
3mm
× 3mm DFN and MSOP Exposed Pad packages.
■ Complete Linear Battery Charger with Integrated
Buck Converter
Battery Charger:
■ Constant-Current/Constant-Voltage Operation
with Thermal Feedback to Maximize Charge Rate
Without Risk of Overheating
■ Internal 4.5 Hour Safety Timer for Termination
■ Charge Current Programmable Up to 500mA with
5% Accuracy
■ C/10 Charge Current Detection Output
■ 5μA Supply Current in Shutdown Mode
Switching Regulator:
■ High Efficiency Synchronous Buck Converter
■ 300mA Output Current
■ 2.7V to 4.5V Input Range (Powered from BAT Pin)
■ 0.8V to VBAT Output Range
■ MODE Pin Selects Fixed (2.25MHz) Constant-Frequency
PWM Mode or Low ICC (23μA) Burst Mode
®
Operation
■ 2μA BAT Current in Shutdown Mode
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6522118.
500mA
4.2V
Li-Ion
BATTERY
CBAT
4.7
μF
RPROG
806
Ω
R2
806k
COUT
4.7
μF
4080 TA01a
CPL
10pF
R1
1M
LTC4080
EN_CHRG
EN_BUCK
MODE
SW
FB
PROG
VCC
BAT
VOUT
(1.8V/300mA)
L1, 1O
μH
GND
CIN
4.7
μF
VCC
(3.75V
to 5.5V)
+
LOAD CURRENT (mA)
0.01
40
60
80
0.1
10
100
11000
20
0
100
0
10
100
0.1
0.01
1000
4080 TA01b
VBAT = 3.8V
VOUT = 1.8V
L = 10
μH
C = 4.7
μF
EFFICIENCY
(Burst)
POWER LOSS
(Burst)
EFFICIENCY
(PWM)
POWER
LOSS
(PWM)
Buck Efficiency vs Load Current
(VOUT = 1.8V)


Similar Part No. - LTC4080

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080X LINER-LTC4080X Datasheet
304Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080X LINER-LTC4080X Datasheet
309Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080XEDD-PBF LINER-LTC4080XEDD-PBF Datasheet
304Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080XEDD-TRPBF LINER-LTC4080XEDD-TRPBF Datasheet
304Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080XEMSE-PBF LINER-LTC4080XEMSE-PBF Datasheet
304Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
More results

Similar Description - LTC4080

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3552-1 LINER-LTC3552-1 Datasheet
294Kb / 20P
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552 LINER-LTC3552 Datasheet
326Kb / 24P
Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC4080X LINER-LTC4080X Datasheet
304Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4081 LINER-LTC4081 Datasheet
285Kb / 24P
500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4080 LINER-LTC4080_15 Datasheet
272Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com