Electronic Components Datasheet Search
  English  ▼

X  

LTC4080 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4080
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4080 Datasheet HTML 12Page - Linear Technology LTC4080 Datasheet HTML 13Page - Linear Technology LTC4080 Datasheet HTML 14Page - Linear Technology LTC4080 Datasheet HTML 15Page - Linear Technology LTC4080 Datasheet HTML 16Page - Linear Technology LTC4080 Datasheet HTML 17Page - Linear Technology LTC4080 Datasheet HTML 18Page - Linear Technology LTC4080 Datasheet HTML 19Page - Linear Technology LTC4080 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC4080
18
4080fb
APPLICATIO S I FOR ATIO
reasonable starting point for setting ripple current is
ΔIL
=0.3 • ILIM, where ILIM is the peak switch current limit.
The largest ripple current occurs at the maximum input
voltage. To guarantee that the ripple current stays below a
specified maximum, the inductor value should be chosen
according to the following equation:
L
V
fI
V
V
OUT
L
OUT
IN MAX
≥−
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
()
0
1
•
•
Δ
For applications with VOUT = 1.8V, the above equation
suggests that an inductor of at least 6.8μH should be used
for proper operation.
Many different sizes and shapes of inductors are
available from numerous manufacturers. To maximize
efficiency, choose an inductor with a low DC resistance.
Keep in mind that most inductors that are very thin or
have a very small volume typically have much higher
core and DCR losses and will not give the best efficiency.
Also choose an inductor with a DC current rating at least
1.5 times larger than the peak inductor current limit to
ensure that the inductor does not saturate during nor-
mal operation. To minimize radiated noise, use a toroid,
or shielded pot core inductors in ferrite or permalloy
materials. Table 1 shows a list of several inductor manu-
facturers.
Table 1. Recommended Surface Mount Inductor Manufacturers
Coilcraft
www.coilcraft.com
Sumida
www.sumida.com
Murata
www.murata.com
Toko
www.tokoam.com
Input and Output Capacitor Selection
Since the input current waveform to a buck converter is a
square wave, it contains very high frequency components.
It is strongly recommended that a low equivalent series
resistance (ESR) multilayer ceramic capacitor be used to
bypass the BAT pin which is the input for the converter.
Tantalum and aluminum capacitors are not recommended
because of their high ESR. The value of the capacitor on
BAT directly controls the amount of input voltage ripple for
a given load current. Increasing the size of this capacitor
will reduce the input ripple.
To prevent large VOUT voltage steps during transient
load conditions, it is also recommended that a ceramic
capacitor be used to bypass VOUT. The typical value for
this capacitor is 4.7μF.
Multilayer Ceramic Chip Capacitors (MLCC) typically have
exceptional ESR performance. MLCCs combined with a
carefully laid out board with an unbroken ground plane will
yield very good performance and low EMI emissions.
There are several types of ceramic capacitors with con-
siderably different characteristics. Y5V and X5R ceramic
capacitors have apparently higher packing density but
poor performance over their rated voltage or temperature
ranges. Under given voltage and temperature conditions,
Y5V, X5R and X7R ceramic capacitors should be com-
pared directly by case size rather than specified value for
a desired minimum capacitance. Some manufacturers
provide excellent data on their websites about achiev-
able capacitance. Table 2 shows a list of several ceramic
capacitor manufacturers.
Table 2. Recommended Ceramic Capacitor Manufacturers
Taiyo Yuden
www.t-yuden.com
AVX
www.avxcorp.com
Murata
www.murata.com
TDK
www.tdk.com
Board Layout Considerations
To be able to deliver maximum charge current under all
conditions, it is critical that the exposed metal pad on the
backside of the LTC4080’s package has a good thermal
contact to the PC board ground. Correctly soldered to a
2500mm2 double-sided 1 oz. copper board, the LTC4080
has a thermal resistance of approximately 43°C/W. Failure
to make thermal contact between the exposed pad on the
backside of the package and the copper board will result
in thermal resistances far greater than 43°C/W.
Furthermore due to its high frequency switching circuitry,
it is imperative that the input capacitor, BAT pin capaci-
tor, inductor, and the output capacitor be as close to the
LTC4080 as possible and that there is an unbroken ground
plane under the LTC4080 and all of its high frequency
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com