Electronic Components Datasheet Search
  English  ▼

X  

LTC4080 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4080
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080 Datasheet(HTML) 3 Page - Linear Technology

  LTC4080 Datasheet HTML 1Page - Linear Technology LTC4080 Datasheet HTML 2Page - Linear Technology LTC4080 Datasheet HTML 3Page - Linear Technology LTC4080 Datasheet HTML 4Page - Linear Technology LTC4080 Datasheet HTML 5Page - Linear Technology LTC4080 Datasheet HTML 6Page - Linear Technology LTC4080 Datasheet HTML 7Page - Linear Technology LTC4080 Datasheet HTML 8Page - Linear Technology LTC4080 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4080
3
4080fb
The
● denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C, VCC = 5V, VBAT = 3.8V, V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 0V, VEN_BUCK = VBAT, VMODE = 0V. (Note 2)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Charger
VFLOAT
VBAT Regulated Output Voltage
IBAT = 2mA
IBAT = 2mA, 4.3V < VCC < 5.5V
●
4.179
4.158
4.2
4.2
4.221
4.242
V
V
IBAT
Current Mode Charge Current
RPROG = 4k; Current Mode; VEN_BUCK = 0
RPROG = 0.8k; Current Mode; VEN_BUCK = 0
●
●
90
475
100
500
110
525
mA
mA
VUVLO_CHRG
VCC Undervoltage Lockout Voltage
VCC Rising
VCC Falling
●
●
3.5
2.8
3.6
3.0
3.7
3.2
V
V
VPROG
PROG Pin Servo Voltage
0.8k ≤ RPROG ≤ 4k
●
0.98
1.0
1.02
V
VASD
Automatic Shutdown Threshold Voltage (VCC – VBAT), VCC Low to High
(VCC – VBAT), VCC High to Low
60
15
82
32
100
45
mV
mV
tSS_CHRG
Battery Charger Soft-Start Time
180
μs
ITRKL
Trickle Charge Current
VBAT = 2V, RPROG = 0.8k
35
50
65
mA
VTRKL
Trickle Charge Threshold Voltage
VBAT Rising
●
2.75
2.9
3.05
V
VTRHYS
Trickle Charge Threshold Voltage
Hysteresis
100
150
350
mV
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT – VBAT, 0°C < TA < 85°C
70
100
130
mV
ΔVUVCL1,
ΔVUVCL2
(VCC – VBAT) Undervoltage Current
Limit Threshold Voltage
IBAT = 0.9 ICHG
IBAT = 0.1 ICHG
180
90
300
130
mV
mV
tTIMER
Termination Timer
●
3
4.5
6
hrs
Recharge Time
●
1.5
2.25
3
hrs
Low-Battery Charge Time
VBAT = 2.5V
●
0.75
1.125
1.5
hrs
IC/10
End of Charge Indication Current Level
RPROG = 2k (Note 6)
●
0.085
0.1
0.115
mA/mA
TLIM
Junction Temperature in Constant-
Temperature Mode
115
°C
RON_CHRG
Power FET On-Resistance (Between
VCC and BAT)
IBAT = 350mA, VCC = 4V
750
m
Ω
fBADBAT
Defective Battery Detection ⎯C⎯H⎯R⎯G Pulse
Frequency
VBAT = 2V
2
Hz
DBADBAT
Defective Battery Detection ⎯C⎯H⎯R⎯G Pulse
Frequency Duty Ratio
VBAT = 2V
75
%
Buck Converter
VFB
FB Servo Voltage
●
0.78
0.80
0.82
V
IFB
FB Pin Input Current
VFB = 0.85V
–50
50
nA
fOSC
Switching Frequency
●
1.8
2.25
2.75
MHz
IBAT_NL_CF
No-Load Battery Current (Continuous
Frequency Mode)
No-Load for Regulator, V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 5V,
L = 10μH, C = 4.7μF
1.9
mA
IBAT_NL_BM
No-Load Battery Current (Burst Mode
Operation)
No-Load for Regulator, V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 5V,
MODE = VBAT, L = 10μH, C = 4.7μF
23
μA
IBAT_SLP
Battery Current in SLEEP Mode
V⎯E⎯N⎯_⎯C⎯H⎯R⎯G = 5V, MODE = VBAT,
VOUT > Regulation Voltage
●
10
15
20
μA
VUVLO_BUCK
Buck Undervoltage Lockout
VBAT Rising
VBAT Falling
●
●
2.6
2.4
2.7
2.5
2.8
2.6
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com