Electronic Components Datasheet Search
  English  ▼

X  

LTC4080 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4080
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080 Datasheet(HTML) 5 Page - Linear Technology

  LTC4080 Datasheet HTML 1Page - Linear Technology LTC4080 Datasheet HTML 2Page - Linear Technology LTC4080 Datasheet HTML 3Page - Linear Technology LTC4080 Datasheet HTML 4Page - Linear Technology LTC4080 Datasheet HTML 5Page - Linear Technology LTC4080 Datasheet HTML 6Page - Linear Technology LTC4080 Datasheet HTML 7Page - Linear Technology LTC4080 Datasheet HTML 8Page - Linear Technology LTC4080 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4080
5
4080fb
INPUT VOLTAGE (V)
4
4.20
5.5
4.05
3.95
4.5
5
3.90
3.85
4.25
4.15
4.10
4.00
6
4080 G03
CHARGE CURRENT (mA)
0
4.17
4.18
4.21
4.20
150
4080 G01
4.16
4.15
50
100
200
250
4.14
4.13
4.19
RPROG = 2k
TEMPERATURE (
°C)
–50
4.195
10
4.180
4.170
– 30
– 10
30
4.165
4.160
4.210
4.205
4.200
4.190
4.185
4.175
50
70
90
4080 G02
TEMPERATURE (
°C)
–50
200
250
100
150
100
0
–25
50
125
25
75
50
0
4080 G04
VCC = 6V
VBAT = 3V
RPROG = 2k
THERMAL CONTROL
LOOP IN OPERATION
CHARGE CURRENT (mA)
0
0.6
0.8
1.0
175
0.4
0.2
0
25
75
125
50
100
150
200
4080 G05
RPROG = 2k
TEMPERATURE (
°C)
–50
0.7
10
0.4
0.2
– 30
–10
30
0.1
0
0.9
0.8
0.6
0.5
0.3
50
70
90
4080 G06
VCC = 4V
IBAT = 350mA
TEMPERATURE (
°C)
–50
0.50
0.55
0.65
0.70
0.75
30
0.95
0.60
–10
–30
50
70
10
90
0.80
0.85
0.90
4080 G07
FALLING
RISING
TEMPERATURE (
°C)
1.0
1.1
1.3
1.4
1.5
1.7
1.2
1.6
4080 G08
–50
30
–10
–30
50
70
10
90
Battery Regulation (Float) Voltage
vs Charge Current
Battery Regulation (Float) Voltage
vs Temperature
Battery Regulation (Float) Voltage
vs Supply Voltage
Charge Current vs Temperature
with Thermal Regulation
(Constant-Current Mode)
PROG Pin Voltage
vs Charge Current
Charger FET On-Resistance
vs Temperature
⎯E⎯N⎯_⎯C⎯H⎯R⎯G, EN_BUCK and
MODE Pin Threshold Voltage
vs Temperature
⎯E⎯N⎯_⎯C⎯H⎯R⎯G Pin Pulldown
Resistance vs Temperature
Charge Current
vs Battery Voltage
BATTERY VOLTAGE (V)
0
150
200
250
4
100
50
0
1
2
3
5
4080 G02a
RPROG = 2k
VBAT RISING
TRICKLE CHARGE
TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25°C, VCC = 5V, VBAT = 3.8V, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com