Electronic Components Datasheet Search
  English  ▼

X  

LTC4081 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4081
Description  500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4081 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4081 Datasheet HTML 3Page - Linear Technology LTC4081 Datasheet HTML 4Page - Linear Technology LTC4081 Datasheet HTML 5Page - Linear Technology LTC4081 Datasheet HTML 6Page - Linear Technology LTC4081 Datasheet HTML 7Page - Linear Technology LTC4081 Datasheet HTML 8Page - Linear Technology LTC4081 Datasheet HTML 9Page - Linear Technology LTC4081 Datasheet HTML 10Page - Linear Technology LTC4081 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC4081
7
4081f
2.7
4.2
3
3.6
3.3
3.9
4.5
4081 G24
BATTERY VOLTAGE (V)
40
50
60
30
20
0
10
80
70
L = 10
μH
VOUT SET FOR 1.8V
BATTERY VOLTAGE (V)
300
200
100
500
400
2.7
4.2
3
3.6
3.3
3.9
4.5
4081 G23
L = 10
μH
VOUT SET FOR 1.8V
20
25
35
15
10
5
0
30
L = 10
μH
C = 4.7
μF
VOUT = 1.8V
TEMPERATURE (˚C)
–50
10
50
–30
–10
30
70
90
4081 G18
VBAT = 4.2V
VBAT = 3.8V
VBAT = 2.7V
No-Load Buck Input Current
(Burst Mode Operation)
vs Temperature
Buck Main Switch (PMOS)
On-Resistance vs Battery Voltage
Buck Main Switch (PMOS)
On-Resistance vs Temperature
Buck Synchronous Switch (NMOS)
On-Resistance vs Battery Voltage
Buck Synchronous Switch (NMOS)
On-Resistance vs Temperature
Maximum Output Current
(PWM Mode) vs Battery Voltage
Maximum Output Current (Burst
Mode Operation) vs Battery Voltage
1.0
1.2
0.8
0.6
0.4
0.2
0
4081 G19
BATTERY VOLTAGE (V)
2.5
4.5
5.0
3.0
3.5
4.0
TEMPERATURE (
°C)
–50
10
50
–30
–10
30
70
90
4081 G20
1.0
1.2
0.8
0.6
0.4
0.2
0
4081 G21
BATTERY VOLTAGE (V)
2.5
0.8
1.0
1.2
4.5
5.0
0.6
0.4
0
3.0
3.5
4.0
0.2
4081 G22
TEMPERATURE (
°C)
–50
10
50
–30
–10
30
70
90
0
0.8
1.0
1.2
0.6
0.4
0.2
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C, VCC = 5V, VBAT = 3.8V, unless otherwise
specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com