Electronic Components Datasheet Search
  English  ▼

X  

LTC4081 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4081
Description  500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4081 Datasheet(HTML) 1 Page - Linear Technology

  LTC4081 Datasheet HTML 1Page - Linear Technology LTC4081 Datasheet HTML 2Page - Linear Technology LTC4081 Datasheet HTML 3Page - Linear Technology LTC4081 Datasheet HTML 4Page - Linear Technology LTC4081 Datasheet HTML 5Page - Linear Technology LTC4081 Datasheet HTML 6Page - Linear Technology LTC4081 Datasheet HTML 7Page - Linear Technology LTC4081 Datasheet HTML 8Page - Linear Technology LTC4081 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4081
1
4081f
■
Wireless Headsets
■
Bluetooth Applications
■
Portable MP3 Players
■
Multifunction Wristwatches
Li-Ion Battery Charger with 1.8V Buck Regulator
500mA Li-Ion Charger
with NTC Input and
300mA Synchronous Buck
The LTC4081 is a complete constant-current/constant-
voltage linear battery charger for a single-cell 4.2V
lithium-ion/polymer battery with an integrated 300mA
synchronous buck converter. A 3mm × 3mm DFN pack-
age and low external component count make the LTC4081
especially suitable for portable applications. Furthermore,
the LTC4081 is specifically designed to work within USB
power specifications.
The ⎯C⎯H⎯R⎯G pin indicates when charge current has
dropped to ten percent of its programmed value (C/10).
An internal 4.5 hour timer terminates the charge cycle.
The full-featured LTC4081 battery charger also includes
trickle charge, automatic recharge, soft-start (to limit inrush
current) and an NTC thermistor input used to monitor
battery temperature.
The LTC4081 integrates a synchronous buck converter
that is powered from the BAT pin. It has an adjustable
output voltage and can deliver up to 300mA of load cur-
rent. The buck converter also features low-current high-
efficiency Burst Mode operation that can be selected by
the MODE pin.
The LTC4081 is available in a 10-lead, low profile (0.75
mm) 3mm × 3mm DFN package.
Battery Charger:
■
Constant-Current/Constant-Voltage Operation
with Thermal Feedback to Maximize Charge Rate
Without Risk of Overheating
■
Internal 4.5 Hour Safety Timer for Termination
■
Charge Current Programmable Up to 500mA with
5% Accuracy
■
NTC Thermistor Input for Temperature Qualified
Charging
■
C/10 Charge Current Detection Output
■
5μA Supply Current in Shutdown Mode
Switching Regulator:
■
High Efficiency Synchronous Buck Converter
■
300mA Output Current (Constant-Frequency Mode)
■
2.7V to 4.5V Input Range (Powered from BAT Pin)
■
0.8V to VBAT Output Range
■
MODE Pin Selects Fixed (2.25MHz) Constant-Frequency
PWM Mode or Low ICC (23μA) Burst Mode
® Operation
■
2μA BAT Current in Shutdown Mode
■
10-lead, low profile (0.75 mm) 3mm × 3mm DFN
package
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents,
including 6522118.
500mA
4.2V
Li-Ion/
POLYMER
BATTERY
4.7
μF
806
Ω
510
Ω
806k
4.7
μF
4081 TA01a
10pF
1M
LTC4081
NTC
EN_CHRG
MODE
SW
FB
PROG
VCC
EN_BUCK
CHRG
BAT
100k
100k
VOUT
(1.8V/300mA)
1O
μH
GND
4.7
μF
VCC
(3.75V
TO 5.5V)
+
T
LOAD CURRENT (mA)
0.01
40
60
80
0.1
10
100
1
1000
20
0
100
1
10
100
0.1
0.01
1000
4081 TA01b
VBAT = 3.8V
VOUT = 1.8V
L = 10
μH
C = 4.7
μF
EFFICIENCY
(Burst)
POWER LOSS
(Burst)
EFFICIENCY
(PWM)
POWER
LOSS
(PWM)
Buck Efficiency vs Load Current
(VOUT = 1.8V)


Similar Part No. - LTC4081

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
More results

Similar Description - LTC4081

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080 LINER-LTC4080 Datasheet
256Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X Datasheet
304Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4080 LINER-LTC4080_15 Datasheet
272Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4080X LINER-LTC4080X_15 Datasheet
309Kb / 20P
500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
2A Synchronous Buck Li-ion Charger
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com