Electronic Components Datasheet Search
  English  ▼

X  

LTC4081 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4081
Description  500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4081 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4081 Datasheet HTML 14Page - Linear Technology LTC4081 Datasheet HTML 15Page - Linear Technology LTC4081 Datasheet HTML 16Page - Linear Technology LTC4081 Datasheet HTML 17Page - Linear Technology LTC4081 Datasheet HTML 18Page - Linear Technology LTC4081 Datasheet HTML 19Page - Linear Technology LTC4081 Datasheet HTML 20Page - Linear Technology LTC4081 Datasheet HTML 21Page - Linear Technology LTC4081 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC4081
18
4081f
APPLICATIO S I FOR ATIO
Where VOUT is the regulated output of the switching
regulator, IOUT is the regulator load and η is the regulator
efficiency at that particular load.
It is not necessary to perform worst-case power dissipa-
tion scenarios because the LTC4081 will automatically
reduce the charge current to maintain the die temperature
at approximately 115°C. However, the approximate ambi-
ent temperature at which the thermal feedback begins to
protect the IC is:
TA = 115°C – PDθJA
TA = 115°C – (VCC – VBAT) • IBAT • θJA if the regulator
is off.
Example: Consider the extreme case when an LTC4081 is
operating from a 6V supply providing 250mA to a 3V Li-Ion
battery and the regulator is off. The ambient temperature
above which the LTC4081 will begin to reduce the 250mA
charge current is approximately:
TA = 115°C – (6V – 3V) • (250mA) • 43°C/W
TA = 115°C – 0.75W • 43°C/W = 115°C – 32.25°C
TA = 82.75°C
If there is more power dissipation due to the regulator,
the thermal regulation will begin at a somewhat lower
temperature. In the above circumstances, the LTC4081
can be used above 82.75°C, but the charge current will be
reduced from 250mA. The approximate current at a given
ambient temperature can be calculated:
I
CT
VV
BAT
A
CC
BAT
JA
=
°−
−
()
115
•
θ
Using the previous example with an ambient temperature
of 85°C, the charge current will be reduced to approxi-
mately:
I
CC
VV
C W
C
CA
BAT =
°− °
−
() °
=
°
°
=
115
85
63
43
30
129
2
•/
/
3
32 6
.mA
Furthermore, the voltage at the PROG pin will change
proportionally with the charge current as discussed in the
Programming Charge Current section.
VCC Bypass Capacitor
Many types of capacitors can be used for input bypassing;
however, caution must be exercised when using multi-layer
ceramic capacitors. Because of the self-resonant and high
Q characteristics of some types of ceramic capacitors, high
voltage transients can be generated under some start-up con-
ditions, such as connecting the battery charger input to a live
power source. Adding a 1Ω series resistor in series with an
X5Rceramiccapacitorwillminimizestart-upvoltagetransients.
For more information, refer to Application Note 88.
Thermistors
The LTC4081 NTC trip points are designed to work with therm-
istors whose resistance-temperature characteristics follow
VishayDale’s“R-TCurve1.”TheVishayNTHS0603NO1N1002J
is an example of such a thermistor. However, Vishay Dale
has many thermistor products that follow the “R-T Curve 1”
characteristic in a variety of sizes. Furthermore, any thermis-
tor whose ratio of RCOLD to RHOT is about 5 will also work
(Vishay Dale R-T Curve 1 shows a ratio of RCOLD to RHOT of
3.266/0.5325 = 6.13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com