Electronic Components Datasheet Search
  English  ▼

X  

LTC4081 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4081
Description  500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4081 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4081 Datasheet HTML 10Page - Linear Technology LTC4081 Datasheet HTML 11Page - Linear Technology LTC4081 Datasheet HTML 12Page - Linear Technology LTC4081 Datasheet HTML 13Page - Linear Technology LTC4081 Datasheet HTML 14Page - Linear Technology LTC4081 Datasheet HTML 15Page - Linear Technology LTC4081 Datasheet HTML 16Page - Linear Technology LTC4081 Datasheet HTML 17Page - Linear Technology LTC4081 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC4081
14
4081f
OPERATIO
Constant-Frequency (PWM) Mode Operation
The switching regulator operates in constant-frequency
(PWM) mode when the MODE pin is pulled below VIL. In
this mode, it uses a current mode architecture including
an oscillator, an error amplifier, and a PWM comparator
for excellent line and load regulation. The main switch
MP2 (P-channel MOSFET) turns on to charge the inductor
at the beginning of each clock cycle if the FB pin voltage
is less than the 0.8V reference voltage. The current into
the inductor (and the load) increases until it reaches the
peak current demanded by the error amp. At this point,
the main switch turns off and the synchronous switch
MN1 (N-channel MOSFET) turns on allowing the inductor
current to flow from ground to the load until either the
next clock cycle begins or the current reduces to the zero
current (IZERO) level.
Oscillator: In constant-frequency mode, the switching
regulator uses a dedicated oscillator which runs at a fixed
frequency of 2.25MHz. This frequency is chosen to mini-
mize possible interference with the AM radio band.
Error Amplifier: The error amplifier is an internally com-
pensated transconductance (gm) amplifier with a gm
of 65 μmhos. The internal 0.8V reference voltage is
compared to the voltage at the FB pin to generate a
current signal at the output of the error amplifier. This cur-
rent signal represents the peak inductor current required
to achieve regulation.
PWM Comparator: Lossless current sensing converts
the PMOS switch current signal to a voltage which is
summed with the internal slope compensation signal.
The PWM comparator compares this summed signal to
determine when to turn off the main switch. The switch
current sensing is blanked for ~12ns at the beginning of
each clock cycle to prevent false switch turn-off.
Burst Mode Operation
Burst Mode operation can be selected by pulling the
MODE pin above VIH. In this mode, the internal oscil-
lator is disabled, the error amplifier is converted into a
comparator monitoring the FB voltage, and the inductor
current swings between a fixed IPEAK (~100mA) and IZERO
(35mA) irrespective of the load current as long as the FB
pin voltage is less than or equal to the reference voltage
of 0.8V. Once VFB is greater than 0.8V, the control logic
shuts off both switches along with most of the circuitry
and the regulator is said to enter into SLEEP mode. In
SLEEP mode, the regulator only draws about 20μA from
the BAT pin provided that the battery charger is turned
off. When the output voltage droops about 1% from its
nominal value, the regulator wakes up and the inductor
current resumes swinging between IPEAK and IZERO. The
output capacitor recharges and causes the regulator to
re-enter the SLEEP state if the output load remains light
enough. The frequency of this intermittent burst operation
depends on the load current. That is, as the load current
drops further, the regulator turns on less frequently. Thus
Burst Mode operation increases the efficiency at light loads
by minimizing the switching and quiescent losses. However,
the output voltage ripple increases to about 2%.
To minimize ripple in the output voltage, the current limits
for both switches in Burst Mode operation are reduced
to about 20% of their values in the constant-frequency
mode. Also the zero current of the synchronous switch
is changed to about 35mA thereby preventing reverse
conduction through the inductor. Consequently, the regu-
lator can only deliver approximately 67mA of load current
while in Burst Mode operation. Any attempt to draw more
load current will cause the output voltage to drop out of
regulation.
Current Limit
To prevent inductor current runaway, there are absolute
current limits (ILIM) on both the PMOS main switch and
the NMOS synchronous switch. These limits are internally
set at 520mA and 700mA respectively for PWM mode. If
the peak inductor current demanded by the error amplifier
ever exceeds the PMOS ILIM, the error amplifier will be
ignored and the inductor current will be limited to PMOS
ILIM. In Burst Mode operation, the PMOS current limit is
reduced to 100mA to minimize output voltage ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com