Electronic Components Datasheet Search
  English  ▼

X  

LTC4095 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4095
Description  Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4095 Datasheet(HTML) 1 Page - Linear Technology

  LTC4095 Datasheet HTML 1Page - Linear Technology LTC4095 Datasheet HTML 2Page - Linear Technology LTC4095 Datasheet HTML 3Page - Linear Technology LTC4095 Datasheet HTML 4Page - Linear Technology LTC4095 Datasheet HTML 5Page - Linear Technology LTC4095 Datasheet HTML 6Page - Linear Technology LTC4095 Datasheet HTML 7Page - Linear Technology LTC4095 Datasheet HTML 8Page - Linear Technology LTC4095 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4095
1
4095fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Standalone USB
Li-Ion/Polymer Battery
Charger in 2mm × 2mm DFN
The LTC
®4095 is a complete constant-current/constant-
voltage linear charger for single-cell lithium-ion/polymer
batteries. Its small 2mm × 2mm DFN package and low
external component count make the LTC4095 especially
well-suited for portable USB power applications.
Up to 950mA of charge current may be programmed via a
single resistor from the PROG pin to ground. The HPWR
pin allows the charge current to be set at 20% or 100% of
its full-scale programmed value. An internal safety timer
terminates charge current. The final float voltage is preset
to 4.2V and held to a tight 0.5% tolerance. Also featured
is an NTC thermistor input to monitor battery temperature
while charging, a C/10 current detection output, automatic
recharge, bad-battery detection and low-battery trickle
charge. A thermal feedback loop regulates the charge
current to limit the die temperature during high power
operation or high ambient thermal conditions.
The LTC4095 is available in a tiny, low profile (0.75mm)
8-lead 2mm × 2mm DFN package.
■
Full-Featured Standalone USB Li-Ion/Polymer
Battery Charger
■
100mA to 950mA Programmable Charge Current
■
C/10 Charge Current Detection Output
■
Internal Safety Timer Termination
■
NTC Thermistor Input for Temperature Qualified
Charging
■
Preset 4.2V Float Voltage with 0.5% Accuracy
■
Constant-Current/Constant-Voltage Operation with
Thermal Feedback
■
Charge Current Monitor Output for Gas Gauging
■
Automatic Recharge
■
Bad-Battery Detection
■
8.5µA Input Supply Current in Suspend Mode
■
Tiny 8-Lead (2mm × 2mm) DFN Package
■
PDAs
■
Media Players
■
Cellular Phones
■
Other Portable Electronics
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6522118, 6570372, 6700364.
+
IN
4095 TA01a
Li-Ion
BATTERY
RPROG
1.74k
IN
4.3V TO 5.5V
UP TO 7V
TRANSIENTS
CIN
1
µF
LTC4095
CHRG
HPWR
BAT
NTC
PROG
SUSP
GND
500mA Single-Cell Li-Ion Charger


Similar Part No. - LTC4095

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
Standalone USB Li-Ion/Polymer Battery Charger
More results

Similar Description - LTC4095

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4097 LINER-LTC4097 Datasheet
224Kb / 20P
USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L_12 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
Standalone USB Li-Ion/Polymer Battery Charger
LTC4097 LINER-LTC4097_15 Datasheet
230Kb / 20P
USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com