Electronic Components Datasheet Search
  English  ▼

X  

LTC4095 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4095
Description  Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4095 Datasheet(HTML) 3 Page - Linear Technology

  LTC4095 Datasheet HTML 1Page - Linear Technology LTC4095 Datasheet HTML 2Page - Linear Technology LTC4095 Datasheet HTML 3Page - Linear Technology LTC4095 Datasheet HTML 4Page - Linear Technology LTC4095 Datasheet HTML 5Page - Linear Technology LTC4095 Datasheet HTML 6Page - Linear Technology LTC4095 Datasheet HTML 7Page - Linear Technology LTC4095 Datasheet HTML 8Page - Linear Technology LTC4095 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4095
3
4095fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4095 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. IN = HPWR = 5V, BAT = 3.8V, NTC = SUSP = 0V, RPROG = 1.74k unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tRECHRG
Recharge Comparator Filter Time
BAT Falling
1.7
ms
tTERM
Safety Timer Termination Period
BAT = VFLOAT
3.5
4
4.5
Hour
tBADBAT
Bad-Battery Termination Time
BAT < VTRKL
0.4375
0.5
0.5625
Hour
hC/10
End of Charge Indication Current Level
(Note 5)
0.09
0.1
0.11
mA/mA
tC/10
End of Charge Comparator Filter Time
IBAT Falling
2.2
ms
RON_CHG
Battery Charger Power FET On-
Resistance (Between IN and BAT)
IBAT = 200mA
500
mΩ
TLIM
Junction Temperature in Constant
Temperature
115
°C
NTC
VCOLD
Cold Temperature Fault Threshold
Voltage
Rising NTC Voltage
Hysteresis
0.750 • IN 0.765 • IN
0.016 • IN
0.780 • IN
V
V
VHOT
Hot Temperature Fault Threshold
Voltage
Falling NTC Voltage
Hysteresis
0.334 • IN 0.349 • IN
0.016 • IN
0.364 • IN
V
V
VDIS
NTC Disable Threshold Voltage
Falling NTC Voltage
Hysteresis
●
0.007 • IN 0.017 • IN
0.010 • IN
0.027 • IN
mV
mV
INTC
NTC Leakage Current
NTC = IN = 5V
–1
0
1
µA
Logic (HPWR, SUSP, ⎯C⎯H⎯R⎯G)
VIL
Input Low Voltage
HPWR, SUSP Pins
0.4
V
VIH
Input High Voltage
HPWR, SUSP Pins
1.2
V
RDN
Logic Pin Pull-Down Resistance
HPWR, SUSP Pins
●
1.9
3.6
6.3
MΩ
⎯C⎯H⎯R⎯G
⎯C⎯H⎯R⎯G Pin Output Low Voltage
I⎯C⎯H⎯R⎯G = 5mA
100
250
mV
I⎯C⎯H⎯R⎯G
⎯C⎯H⎯R⎯G Pin Input Current
BAT = 4.5V, ⎯C⎯H⎯R⎯G = 5V
0
1
µA
Note 4: IN supply current does not include current through the PROG pin
or any current delivered to the battery through the BAT pin. Total input
current is equal to this specification plus 1.00125 • IBAT where IBAT is the
charge current.
Note 5: hC/10 is expressed as a fraction of measured full charge current
with indicated PROG resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com