Electronic Components Datasheet Search
  English  ▼

X  

LTC4095 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4095
Description  Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4095 Datasheet(HTML) 5 Page - Linear Technology

  LTC4095 Datasheet HTML 1Page - Linear Technology LTC4095 Datasheet HTML 2Page - Linear Technology LTC4095 Datasheet HTML 3Page - Linear Technology LTC4095 Datasheet HTML 4Page - Linear Technology LTC4095 Datasheet HTML 5Page - Linear Technology LTC4095 Datasheet HTML 6Page - Linear Technology LTC4095 Datasheet HTML 7Page - Linear Technology LTC4095 Datasheet HTML 8Page - Linear Technology LTC4095 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4095
5
4095fa
SUSP/HPWR Pins Rising Threshold
Voltage vs Temperature
Supply Currents in Suspend vs
Temperature
Battery Drain Current in UVLO vs
Temperature
⎯C⎯H⎯R⎯G Pin I-V Curve
⎯C⎯H⎯R⎯G Pin Output Low Voltage vs
Temperature
Timer Period Accuracy vs
Temperature
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Timer Period Accuracy vs Supply
Voltage
Recharge Threshold vs
Temperature
Undervoltage Lockout Threshold
vs Temperature
TEMPERATURE (
°C)
–55
–35
75
95
115
–15
25
45
4095 G09
85
105
5
65
85
TEMPERATURE (
°C)
–55
3.9
4.0
4.2
545
65
4095 G10
3.8
3.7
–35
–15
25
85
3.6
3.5
4.1
BAT = 3.5V
RISING
FALLING
TEMPERATURE (
°C)
–55
1.1
5
4095 G11
0.8
0.6
–35
–15
25
0.5
0.4
1.2
1.0
0.9
0.7
45
65
85
TEMPERATURE (
°C)
–55
8
10
12
5
IIN
45
4095 G12
6
4
–35
–15
25
65
85
2
0
IBAT
IN = 5V
BAT = 4.2V
TEMPERATURE (
°C)
–55
1.0
1.5
2.0
2.5
–35
–15
5
25
4095 G13
45
65
85
IN = 0V
BAT = 4.2V
BAT = 3.6V
CHRG (V)
0
70
60
50
40
30
20
10
0
35
4095 G14
12
46
IN = 5V
BAT = 3.8V
TEMPERATURE (
°C)
–55
80
100
140
545
4095 G15
60
40
–35
–15
25
65
85
20
0
120
IN = 5V
ICHRG = 5mA
TEMPERATURE (
°C)
–55
–2
–1
1
2
3
25
7
4095 G16
0
–15
–35
45
65
585
4
5
6
IN (V)
4.3
–0.6
–0.4
0
0.2
0.4
5.1
1.2
4095 G17
–0.2
4.7
4.5
5.3
4.9
5.5
0.6
0.8
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com