Electronic Components Datasheet Search
  English  ▼

X  

LTC4095 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4095
Description  Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4095 Datasheet(HTML) 4 Page - Linear Technology

  LTC4095 Datasheet HTML 1Page - Linear Technology LTC4095 Datasheet HTML 2Page - Linear Technology LTC4095 Datasheet HTML 3Page - Linear Technology LTC4095 Datasheet HTML 4Page - Linear Technology LTC4095 Datasheet HTML 5Page - Linear Technology LTC4095 Datasheet HTML 6Page - Linear Technology LTC4095 Datasheet HTML 7Page - Linear Technology LTC4095 Datasheet HTML 8Page - Linear Technology LTC4095 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4095
4
4095fa
TYPICAL PERFORMANCE CHARACTERISTICS
Battery Regulation (Float)
Voltage vs Battery Charge Current
Battery Regulation (Float)
Voltage vs Temperature
Charge Current vs Supply Voltage
(Constant Current Mode)
TA = 25°C, unless otherwise noted.
Charge Current vs Battery Voltage
Charge Current vs Ambient
Temperature with Thermal
Regulation
PROG Pin Voltage vs Charge
Current
Power FET On-Resistance vs
Temperature
IBAT (mA)
0
4.21
4.23
4.25
800
4095 G01
4.19
4.17
4.20
4.22
4.24
4.18
4.16
4.15
200
400
600
1000
IN = 5V
RPROG = 0.845k
HPWR = 5V
TEMPERATURE (
°C)
–55
4.215
5
4095 G02
4.200
4.190
–35
–15
25
4.185
4.210
4.205
4.195
45
65
85
IN (V)
4.3
440
450
470
460
490
480
500
4.5
4.7
4.9
5.1
4095 G03
5.3
5.5
IN = 5V
RPROG = 1.74k
HPWR = 5V
BAT (V)
2
0
100
200
300
400
500
600
2.5
3
3.5
4
2400 G31
4.5
IN = 5V
RPROG = 1.74k
HPWR = 5V
HPWR = 0V
TEMPERATURE (
°C)
–50
0
50
150
200
250
500
350
0
50
75
4095 G05
100
400
450
300
–25
25
100 125
150
IN = 5V
BAT = 3.8V
RPROG = 1.74k
HPWR = 5V
IBAT (mA)
0
0.6
0.8
1.0
400
4095 G06
0.4
0.2
0
100
200
300
500
IN = 5V
RPROG = 1.74k
HPWR = 5V
PROG Pin Voltage vs PROG Pin
Resistance (Constant Current Mode)
RPROG (kΩ)
1.0
1.5
8
4095 G07
0.5
0
2
4
5
10
2.0
6
1
3
9
7
IN = 5V
BAT = 3.8V
HPWR = 5V
TEMPERATURE (
°C)
–55
400
500
600
700
545
"'# /&
300
–35
–15
25
65
85
IN = 4V
IBAT = 200mA
Complete Charge Cycle
(2400mAh Battery)
TIME (HOUR)
0
5.0
200
0
400
800
600
1000
35
4095 G18
3.5
3.0
5.0
4.5
4.0
3.0
4.0
1.0
2.0
0
12
4
6
IN = 5V
RPROG = 0.845k
HPWR = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com