Electronic Components Datasheet Search
  English  ▼

X  

BQ2012SN Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2012SN
Description  Gas Gauge IC With Slow-Charge Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2012SN Datasheet(HTML) 4 Page - Texas Instruments

  BQ2012SN Datasheet HTML 1Page - Texas Instruments BQ2012SN Datasheet HTML 2Page - Texas Instruments BQ2012SN Datasheet HTML 3Page - Texas Instruments BQ2012SN Datasheet HTML 4Page - Texas Instruments BQ2012SN Datasheet HTML 5Page - Texas Instruments BQ2012SN Datasheet HTML 6Page - Texas Instruments BQ2012SN Datasheet HTML 7Page - Texas Instruments BQ2012SN Datasheet HTML 8Page - Texas Instruments BQ2012SN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Voltage Thresholds
In conjunction with monitoring VSR for charge/discharge
currents, the bq2012 monitors the single-cell battery po-
tential through the SB pin. The single-cell voltage po-
tential is determined through a resistor/divider network
per the following equation:
RB
RB
N
1
2
1
=−
where N is the number of cells, RB1 is connected to the
positive battery terminal, and RB2 is connected to the
negative battery terminal. The single-cell battery volt-
age is monitored for the end-of-discharge voltage (EDV)
and for maximum cell voltage (MCV). EDV threshold
levels are used to determine when the battery has
reached an “empty” state, and the MCV threshold is used
for fault detection during charging.
Two EDV thresholds for the bq2012 are fixed at:
EDV1 (early warning) = 1.05V
EDVF (empty) = 0.95V
If VSB is below either of the two EDV thresholds, the as-
sociated flag is latched and remains latched, independ-
ent of VSB, until the next valid charge.
During discharge and charge, the bq2012 monitors VSR
for various thresholds.
These thresholds are used to
compensate the charge and discharge rates. Refer to the
count compensation section for details. EDV monitoring
is disabled if VSR
≤ -250mV typical and resumes 1
2 sec-
ond after VSR > -250mV.
EMPTY Output
The EMPTY output switches to high impedance when
VSB <VEDF and remains latched until a valid charge oc-
curs.
The bq2012 also monitors VSB relative to VMCV,
2.25V. VSB falling from above VMCV resets the device.
Reset
The bq2012 recognizes a valid battery whenever VSB is
greater than 0.1V typical. VSB rising from below 0.25V
or falling from above 2.25V resets the device. Reset can
also be accomplished with a command over the serial
port as described in the Register Reset section.
Temperature
The bq2012 internally determines the temperature in
10°C steps centered from -35°C to +85°C. The tempera-
ture steps are used to adapt charge and discharge rate
compensations, self-discharge counting, and available
charge display translation.
The temperature range is
available over the serial port in 10°C increments as
shown below:
Layout Considerations
The bq2012 measures the voltage differential between
the SR and VSS pins. VOS (the offset voltage at the SR
pin) is greatly affected by PC board layout. For optimal
results, the PC board layout should follow the strict rule
of a single-point ground return. Sharing high-current
ground with small signal ground causes undesirable
noise on the small signal nodes. Additionally:
I
The capacitors (SB and VCC) should be placed as
close as possible to the SB and VCC pins, respectively,
and their paths to VSS should be as short as possible.
A high-quality ceramic capacitor of 0.1
µf is
recommended for VCC.
I
The sense resistor (RS) should be as close as possible
to the bq2012.
I
The R-C on the SR pin should be located as close as
possible to the SR pin. The maximum R should not
exceed 100K.
4
bq2012
TMPGG (hex)
Temperature Range
0x
< -30°C
1x
-30°C to -20°C
2x
-20°C to -10°C
3x
-10°C to 0°C
4x
0°C to 10°C
5x
10°C to 20°C
6x
20°C to 30°C
7x
30°C to 40°C
8x
40°C to 50°C
9x
50°C to 60°C
Ax
60°C to 70°C
Bx
70°C to 80°C
Cx
> 80°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com