Electronic Components Datasheet Search
  English  ▼

X  

BQ2012SN Datasheet(PDF) 17 Page - Texas Instruments

Part # BQ2012SN
Description  Gas Gauge IC With Slow-Charge Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2012SN Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ2012SN Datasheet HTML 12Page - Texas Instruments BQ2012SN Datasheet HTML 13Page - Texas Instruments BQ2012SN Datasheet HTML 14Page - Texas Instruments BQ2012SN Datasheet HTML 15Page - Texas Instruments BQ2012SN Datasheet HTML 16Page - Texas Instruments BQ2012SN Datasheet HTML 17Page - Texas Instruments BQ2012SN Datasheet HTML 18Page - Texas Instruments BQ2012SN Datasheet HTML 19Page - Texas Instruments BQ2012SN Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
bq2012
DC Electrical Characteristics (TA =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
VCC
Supply voltage
3.0
4.25
6.5
V
VCC excursion from < 2.0V to
≥
3.0V initializes the unit.
VOS
Offset referred to VSR
-
±50
±150
µV
DISP =VCC
VREF
Reference at 25°C
5.7
6.0
6.3
V
IREF = 5
µA
Reference at -40°C to +85°C
4.5
-
7.5
V
IREF = 5
µA
RREF
Reference input impedance
2.0
5.0
-
M
Ω
VREF = 3V
ICC
Normal operation
-
90
135
µAVCC = 3.0V
-
120
180
µAVCC = 4.25V
-
170
250
µAVCC = 6.5V
VSB
Battery input
-
-
2.4
V
RSBmax
SB input impedance
10
-
-
M
Ω
0 < VSB <VCC
IDISP
DISP input leakage
-
-
5
µAVDISP =VSS
ILCOM
LCOM input leakage
-0.2
-
0.2
µA
DISP =VCC
RDQ
Internal pulldown
500
-
-
K
Ω
VSR
Sense resistor input
-0.3
-
2.0
V
VSR <VSS = discharge;
VSR >VSS = charge
RSR
SR input impedance
10
-
-
M
Ω
-200mV < VSR <VCC
VIH
Logic input high
VCC - 0.2
-
-
V
PROG1–PROG6
VIL
Logic input low
-
-
VSS + 0.2
V
PROG1–PROG6
VIZ
Logic input Z
float
-
float
V
PROG1–PROG6
VOLSL
SEGX output low, low VCC
-
0.1
-
V
VCC = 3V, IOLS
≤ 1.75mA
SEG1–SEG6
VOLSH
SEGX output low, high VCC
-
0.4
-
V
VCC = 6.5V, IOLS
≤ 11.0mA
SEG1–SEG6
VOHLCL
LCOM output high, low VCC
VCC - 0.3
-
-
V
VCC = 3V, IOHLCOM = -5.25mA
VOHLCH
LCOM output high, high VCC
VCC - 0.6
-
-
V
VCC = 6.5V, IOHLCOM = -33.0mA
IIH
PROG1-6 input high current
-
1.2
-
µAVPROG =VCC/2
IIL
PROG1-6 input low current
-
1.2
-
µAVPROG =VCC/2
IOHLCOM LCOM source current
-33
-
-
mA
At VOHLCH =VCC - 0.6V
IOLS
SEGX sink current
-
-
11.0
mA
At VOLSH = 0.4V
IOL
Open-drain sink current
-
-
5.0
mA
At VOL =VSS + 0.3V
DQ, EMPTY, CHG
VOL
Open-drain output low
-
-
0.5
V
IOL
≤ 5mA, DQ, EMPTY
VIHDQ
DQ input high
2.5
-
-
V
DQ
VILDQ
DQ input low
-
-
0.8
V
DQ
RPROG
Soft pull-up or pull-down resis-
tor value (for programming)
-
-
200
K
Ω
PROG1–PROG6
RFLOAT
Float state external impedance
-
5
-
M
Ω
PROG1–PROG6
Note:
All voltages relative to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com