Electronic Components Datasheet Search
  English  ▼

X  

BQ2012SN Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ2012SN
Description  Gas Gauge IC With Slow-Charge Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2012SN Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2012SN Datasheet HTML 8Page - Texas Instruments BQ2012SN Datasheet HTML 9Page - Texas Instruments BQ2012SN Datasheet HTML 10Page - Texas Instruments BQ2012SN Datasheet HTML 11Page - Texas Instruments BQ2012SN Datasheet HTML 12Page - Texas Instruments BQ2012SN Datasheet HTML 13Page - Texas Instruments BQ2012SN Datasheet HTML 14Page - Texas Instruments BQ2012SN Datasheet HTML 15Page - Texas Instruments BQ2012SN Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
The battery removed flag (BRM) is asserted whenever
the potential on the SB pin (relative to VSS) rises above
MCV or falls below 0.1V. The BRM flag is asserted until
the condition causing BRM is removed.
The BRM values are:
Where BRM is:
0
0.1V < VSB < 2.25V
1
0.1 V > VSB or VSB > 2.25V
The capacity inaccurate flag (CI) is used to warn the
user that the battery has been charged a substantial
number of times since LMD has been updated. The CI
flag is asserted on the 64th charge after the last LMD
update or when the bq2012 is reset. The flag is cleared
after an LMD update.
The CI values are:
Where CI is:
0
When LMD is updated with a valid full dis-
charge
1
After the 64th valid charge action with no
LMD updates
The valid discharge flag (VDQ) is asserted when the
bq2012 is discharged from NAC = LMD. The flag re-
mains set until either LMD is updated or one of three
actions that can clear VDQ occurs:
I
The self-discharge count register (SDCR) has
exceeded the maximum acceptable value (4096
counts) for an LMD update.
I
A valid charge action sustained at VSRO >VSRQ for at
least 256 NAC counts.
I
The EDV1 flag was set at a temperature below 0°C
The VDQ values are:
Where VDQ is:
0
SDCR
≥ 4096, subsequent valid charge ac-
tion detected, or EDV1 is asserted with the
temperature less than 0°C
1
On first discharge after NAC = LMD
The charge control flag, CHG, is asserted whenever
the CHG pin is asserted (see the charge control section
on page 7 for a description of the CHG pin function).
The CHG values are:
Where CHG is:
0
When the CHG pin is asserted active low,
signifying that the bq2012 is in a state to
allow charge activity.
1
When the CHG pin is high-impedance, sig-
nifying that no charge activity should take
place.
The first end-of-discharge warning flag (EDV1)
warns the user that the battery is almost empty. The
first segment pin, SEG1, is modulated at a 4Hz rate if
the display is enabled once EDV1 is asserted, which
should warn the user that loss of battery power is immi-
nent. The EDV1 flag is latched until a valid charge has
been detected.
The EDV1 values are:
Where EDV1 is:
0
Valid charge action detected, VSB
≥ 1.05V
1VSB < 1.05V providing that OVLD=0 (see
FLGS2 register description)
The final end-of-discharge warning flag (EDVF) flag
is used to warn that battery power is at a failure condi-
tion. All segment drivers are turned off. The EDVF flag
is latched until a valid charge has been detected. The
EMPTY pin is also forced to a high-impedance state on
assertion of EDV1. The host system may pull EMPTY
high, which may be used to disable circuitry to prevent
deep-discharge of the battery.
12
bq2012
FLGS1 Bits
76
5
4
3
2
1
0
-
-
-
-
-
CHG
--
FLGS1 Bits
76
5
4
3
2
1
0
-
-
-
-
VDQ
-
-
-
FLGS1 Bits
76
5
4
3
2
1
0
-
-
-
-
-
-
EDV1
-
FLGS1 Bits
76
5
4
3
2
1
0
--
-
CI
-
-
-
-
FLGS1 Bits
76
5
4
3
2
1
0
-
-
BRM
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com