Electronic Components Datasheet Search
  English  ▼

X  

BQ2012SN Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ2012SN
Description  Gas Gauge IC With Slow-Charge Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2012SN Datasheet(HTML) 5 Page - Texas Instruments

  BQ2012SN Datasheet HTML 1Page - Texas Instruments BQ2012SN Datasheet HTML 2Page - Texas Instruments BQ2012SN Datasheet HTML 3Page - Texas Instruments BQ2012SN Datasheet HTML 4Page - Texas Instruments BQ2012SN Datasheet HTML 5Page - Texas Instruments BQ2012SN Datasheet HTML 6Page - Texas Instruments BQ2012SN Datasheet HTML 7Page - Texas Instruments BQ2012SN Datasheet HTML 8Page - Texas Instruments BQ2012SN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Gas Gauge Operation
The operational overview diagram in Figure 2 illustrates
the operation of the bq2012. The bq2012 accumulates a
measure of charge and discharge currents, as well as an
estimation of self-discharge. Charge and discharge cur-
rents are temperature and rate compensated, whereas
self-discharge is only temperature compensated.
The main counter, Nominal Available Charge (NAC),
represents the available battery capacity at any given
time.
Battery charging increments the NAC register,
while battery discharging and self-discharge decrement
the NAC register and increment the DCR (Discharge
Count Register).
The Discharge Count Register (DCR) is used to update
the Last Measured Discharge (LMD) register only if a
complete battery discharge from full to empty occurs
without any partial battery charges.
Therefore, the
bq2012 adapts its capacity determination based on the
actual conditions of discharge.
The battery’s initial capacity is equal to the programmed
full count (PFC) shown in Table 2. Until LMD is up-
dated, NAC counts up to but not beyond this threshold
during subsequent charges. This approach allows the
gas gauge to be charger-independent and compatible
with any type of charge regime.
1.
Last Measured Discharge (LMD) or learned
battery capacity:
LMD is the last measured discharge capacity of the
battery. On initialization (application of VCC or bat-
tery replacement), LMD = PFC. During subsequent
discharges, the LMD is updated with the latest
measured capacity in the Discharge Count Register
(DCR) representing a discharge from full to below
EDV1. A qualified discharge is necessary for a ca-
pacity transfer from the DCR to the LMD register.
The LMD also serves as the 100% reference thresh-
old used by the relative display mode.
2.
Programmed Full Count (PFC) or initial bat-
tery capacity:
The initial LMD and gas gauge rate values are pro-
grammed by using PROG1–PROG4. The PFC also
provides the 100% reference for the absolute dis-
play mode. The bq2012 is configured for a given ap-
plication by selecting a PFC value from Table 2.
The correct PFC may be determined by multiplying
the rated battery capacity in mAh by the sense re-
sistor value:
Battery capacity (mAh) * sense resistor (Ω) =
PFC (mVh)
Selecting a PFC slightly less than the rated capac-
ity for absolute mode provides capacity above the
full reference for much of the battery’s life.
5
bq2012
FG201002.eps
Rate and
Temperature
Compensation
Temperature
Compensation
Charge
Current
Discharge
Current
Self-Discharge
Timer
Temperature
Translation
Nominal
Available
Charge
(NAC)
Last
Measured
Discharged
(LMD)
Discharge
Count
Register
(DCR)
<
Qualified
Transfer
+
Rate and
Temperature
Compensation
Rate and
Temperature
Compensation
Temperature Step,
Other Data
+
-
-
+
Inputs
Main Counters
and Capacity
Reference (LMD)
Outputs
Serial
Port
Chip-Controlled
Available Charge
LED Display
Figure 2. Operational Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com