Electronic Components Datasheet Search
  English  ▼

X  

LTC4098 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4098
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4098 Datasheet HTML 3Page - Linear Technology LTC4098 Datasheet HTML 4Page - Linear Technology LTC4098 Datasheet HTML 5Page - Linear Technology LTC4098 Datasheet HTML 6Page - Linear Technology LTC4098 Datasheet HTML 7Page - Linear Technology LTC4098 Datasheet HTML 8Page - Linear Technology LTC4098 Datasheet HTML 9Page - Linear Technology LTC4098 Datasheet HTML 10Page - Linear Technology LTC4098 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC4098/LTC4098-1
7
40981fb
CHRG PIN VOLTAGE (V)
0
60
80
100
4
40981 G23
40
20
0
1
2
3
5
VBUS = 5V
BAT = 3.8V
Oscillator Frequency
vs Temperature
VBUS Quiescent Current
vs Temperature
Quiescent Current in Suspend
vs Temperature
Low Battery (Instant-On)
Output Voltage vs Temperature
TEMPERATURE ( C)
–40
3.64
3.66
60
40981 G19
3.62
3.60
–15
10
35
85
3.68
BAT = 2.7V
IVOUT = 100mA
5x MODE
TEMPERATURE (°C)
–40
2.250
2.300
2.350
60
40981 G20
2.200
2.150
2.100
–15
10
35
85
TEMPERATURE (°C)
–40
2
5
8
11
14
17
20
–15
–10
35
60
40981 G21
85
VBUS = 5V
IVOUT = 0μA
5x MODE
1x MODE
TEMPERATURE (°C)
–40
27
30
33
36
39
42
45
–15
10
35
60
40981 G22
85
VBUS = 5V
IVOUT = 0μA
CHRG Pin Current vs Voltage
(Pull-Down State)
OVP Connection Waveform
IOUT
500μA/DIV
0mA
500μs/DIV
40981 G24
VOUT
20mV/DIV
AC COUPLED
Suspend LDO Transient Response
(500μA to 1.5mA)
VBUS
5V/DIV
OVGATE
5V/DIV
500μs/DIV
40981 G25
OVP INPUT VOLTAGE
0V TO 5V STEP
5V/DIV
TA = 25°C unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com